Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFY50 Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza BFY50
Descripción Electrónicos  NPN medium power transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFY50 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFY50 Datasheet HTML 1Page - NXP Semiconductors BFY50 Datasheet HTML 2Page - NXP Semiconductors BFY50 Datasheet HTML 3Page - NXP Semiconductors BFY50 Datasheet HTML 4Page - NXP Semiconductors BFY50 Datasheet HTML 5Page - NXP Semiconductors BFY50 Datasheet HTML 6Page - NXP Semiconductors BFY50 Datasheet HTML 7Page - NXP Semiconductors BFY50 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1997 Apr 22
2
Philips Semiconductors
Product specification
NPN medium power transistors
BFY50; BFY51; BFY52
FEATURES
• High current (max. 1 A)
• Low voltage (max. 35 V).
APPLICATIONS
• General purpose industrial applications.
DESCRIPTION
NPN medium power transistor in a TO-39 metal package.
PINNING
PIN
DESCRIPTION
1
emitter
2
base
3
collector, connected to case
Fig.1 Simplified outline (TO-39) and symbol.
handbook, halfpage
3
1
2
MAM317
1
2
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BFY50
−−
80
V
BFY51
−−
60
V
BFY52
−−
40
V
VCEO
collector-emitter voltage
open base
BFY50
−−
35
V
BFY51
−−
30
V
BFY52
−−
20
V
ICM
peak collector current
−−
1A
Ptot
total power dissipation
Tamb ≤ 25 °C
−−
800
mW
Tcase ≤ 100 °C
−−
2.86
W
hFE
DC current gain
IC = 150 mA; VCE =10V
BFY50
30
112
BFY51
40
123
BFY52
60
142
fT
transition frequency
IC = 50 mA; VCE = 10 V; f = 100 MHz
BFY50
60
−−
MHz
BFY51; BFY52
50
−−
MHz


Número de pieza similar - BFY50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BFY50 STMICROELECTRONICS-BFY50 Datasheet
46Kb / 5P
   MEDIUM POWER AMPLIFIER
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
18Kb / 2P
   MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Central Semiconductor C...
BFY50 CENTRAL-BFY50 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BFY50 SEME-LAB-BFY50 Datasheet
43Kb / 2P
   MEDIUM POWER AMPLIFIERS NPN SILICON PLANAR TRANSISTOR
logo
Continental Device Indi...
BFY50 CDIL-BFY50 Datasheet
138Kb / 4P
   SILICON PLANAR TRANSISTORS
More results

Descripción similar - BFY50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
BC140 PHILIPS-BC140 Datasheet
50Kb / 8P
   NPN medium power transistors
1997 May 12
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
   NPN medium power transistors
1999 Apr 08
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_06 Datasheet
216Kb / 11P
   NPN medium power transistors
logo
Guangdong Kexin Industr...
BCX54 KEXIN-BCX54 Datasheet
53Kb / 2P
   NPN Medium Power Transistors
logo
New Jersey Semi-Conduct...
BC140 NJSEMI-BC140 Datasheet
68Kb / 2P
   NPN medium power transistors
logo
FutureWafer Tech Co.,Lt...
BCX493TA FUTUREWAFER-BCX493TA Datasheet
1Mb / 7P
   NPN Medium Power Transistors
14-DEC-2021 V 2.0
logo
SHIKUES Electronics
2SD1005 SKTECHNOLGY-2SD1005 Datasheet
669Kb / 2P
   NPN Medium Power Transistors
logo
Guangdong Kexin Industr...
BSR40 KEXIN-BSR40 Datasheet
40Kb / 2P
   NPN Medium Power Transistors
logo
STMicroelectronics
STF724 STMICROELECTRONICS-STF724_08 Datasheet
172Kb / 11P
   NPN medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com