Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AND8009 Datasheet(PDF) 11 Page - ON Semiconductor

No. de pieza AND8009
Descripción Electrónicos  ECLinPS Plus SPICE Modeling Kit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8009 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button AND8009 Datasheet HTML 7Page - ON Semiconductor AND8009 Datasheet HTML 8Page - ON Semiconductor AND8009 Datasheet HTML 9Page - ON Semiconductor AND8009 Datasheet HTML 10Page - ON Semiconductor AND8009 Datasheet HTML 11Page - ON Semiconductor AND8009 Datasheet HTML 12Page - ON Semiconductor AND8009 Datasheet HTML 13Page - ON Semiconductor AND8009 Datasheet HTML 14Page - ON Semiconductor AND8009 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
AND8009/D
http://onsemi.com
11
Figure 8. OBUF05
R1
250
R2
250
R4
50
R5
50
R3
36
VCC
Q13
TNC
Q14
TNC
Q1
VCC
+
+
VEE
Q2
Q3
TNB
TND
TND
Q7
Q8
Q9
TND
TND
TND
Q6
Q5
Q4
TNB
TND
TND
−2.25 Vdc
VCS
5
1
2
+
+
3
−3 Vdc
VTT
−3.3 Vdc
0
0
0
0
0
VTT
4
0 Vdc
INB
V1 = −1.5
V2 = −0.95
TD = 1 n
TR = 0.165 n
TF = 0.165 n
PW = 0.585 n
PER = 1.5 n
+
0
Q10
Q11
Q12
TNB
TNB
TNB
TNA
TNA
283
W
Termination
TC Network
for 100EP
IN
INB
QB
Q
IN
+
V1 = −0.95
V2 = −1.5
TD = 1 n
TR = 0.165 n
TF = 0.165 n
PW = 0.585 n
PER = 1.5 n
6
.SUBCKT OBUF05 IN INB VCS VCC VTT VEE
Q_Q1
1 IN 5 TNB
Q_Q2
1 IN 5 TND
Q_Q3
1 IN 5 TND
Q_Q4
2 INB 5 TND
Q_Q5
2 INB 5 TND
Q_Q6
2 INB 5 TNB
Q_Q7
5 VCS 6 TND
Q_Q8
5 VCS 6 TND
Q_Q9
5 VCS 6 TND
Q_Q10
5 VCS 6 TNB
Q_Q11
5 VCS 6 TNB
Q_Q12
5 VCS 6 TNB
Q_Q13
VCC 2 3 TNC
Q_Q14
VCC 1 4 TNC
R_R1
1 VCC 285
R_R2
2 VCC 285
R_R3
VEE 6 38
R_R4
VTT 3 50
R_R5
VTT 4 50
V_IN
IN 0 −1.33Vdc
+PULSE −0.95 −1.5 1n 0.165n 0.165n 0.585n 1.5n
V_INB
INB 0
+PULSE −1.5 −0.95 1n 0.165n 0.165n 0.585n 1.5n
V_VEE
VEE 0 −3.3Vdc
V_VCC
VCC 0 0Vdc
V_VTT
VTT 0 −3Vdc
V_VCS
VCS 0 −2.25Vdc
.END OBUF05


Número de pieza similar - AND8009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
AND8001 ONSEMI-AND8001 Datasheet
68Kb / 8P
   ODD NUMBER DIVIDE BY COUNTERS WITH 50% OUTPUTS AND SYNCHRONOUS CLOCKS
October, 1999 ??Rev. 0
AND8001D ONSEMI-AND8001D Datasheet
68Kb / 8P
   ODD NUMBER DIVIDE BY COUNTERS WITH 50% OUTPUTS AND SYNCHRONOUS CLOCKS
October, 1999 ??Rev. 0
AND8001D ONSEMI-AND8001D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AND8002 ONSEMI-AND8002 Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
AND8002D ONSEMI-AND8002D Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
More results

Descripción similar - AND8009

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
AND8002 ONSEMI-AND8002 Datasheet
149Kb / 16P
   ECLinPS, ECLinPS Lite, ECLinPS Plus ECLinPS MAX, and GigaComm Marking and Ordering Information Guide
November, 2004 ??Rev. 5
AND8066 ONSEMI-AND8066 Datasheet
69Kb / 8P
   Interfacing with ECLinPS
May, 2002 ??Rev. 2
logo
Keysight Technologies
W2344EP KEYSIGHT-W2344EP Datasheet
901Kb / 10P
   3D Electromagnetic Modeling
W8533EP KEYSIGHT-W8533EP Datasheet
1Mb / 13P
   IC-CAP Device Modeling Software
logo
Voltage Multipliers Inc...
Z50FF5 VMI-Z50FF5 Datasheet
39Kb / 1P
   Spice Model
Z100UF VMI-Z100UF Datasheet
28Kb / 1P
   Spice Model
M160FF3 VMI-M160FF3 Datasheet
125Kb / 1P
   Spice Model
M160SG VMI-M160SG Datasheet
124Kb / 1P
   Spice Model
M160UFG VMI-M160UFG Datasheet
125Kb / 1P
   Spice Model
1N6521 VMI-1N6521 Datasheet
132Kb / 1P
   Spice Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com