Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD1108 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

No. de pieza SMD1108
Descripción Electrónicos  8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMD1108 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMD1108 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMD1108 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
SMD1108
2052 2.0 10/05/01
Preliminary
SUMMIT MICROELECTRONICS, Inc.
Temperature Under Bias ...................... –55°C to 125°C
Storage Temperature ........................... –65°C to 150°C
Lead Solder Temperature (10s) ......................... 300 °C
Output Short Circuit Current ........................ # 100mA
Terminal Voltage with Respect to GND (AGND,
DGND & PGND tied):
Digital Inputs:IRQ_RST#, WD_EN#, MR#, WLDI, SCL,
CE#, A0, A1, A2, and AUTOMON .... –2V to 7V
DC OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
(Over Recommended Operating Conditions; Voltages are relative to GND)
2052 Elect Table 1.0
Digital Outputs: ................. LDO#, WDO#, SMBALERT#,
HEALTHY#, FAULT_IRQ#, LIM_IRQ#,
OC_IRQ#, RST#, OV_IRQ#, DLYD_RST#,
FAULT#, RDY#, GPO-0, GPO-1, GPO-2, and
GPO-3 ............................................. –2V to 7V
Analog Inputs:
VCC0/CH4, VCC1/CH5, VCC2/CH6,
VCC3/CH7, CH0, CH1, CH2, CH3, OC1, OC2,
OC3, AUXVCC, and VREFIN .............. –2V to 7V
# Output shorted for no more than one second, no more
than one output shorted at a time.
Note 1: Unless otherwise specified V
CC is the highest of the four VCCX/CHX inputs.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
)
1
e
t
o
N
(
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
Sn
e
p
o
s
t
u
p
t
u
o
ll
A1
3
A
m
I
B
S
t
n
e
r
r
u
C
y
b
d
n
a
t
S
,
e
l
d
i
C
D
A
,
n
e
p
o
s
t
u
p
t
u
o
ll
A
s
s
e
c
o
r
p
n
i
y
r
o
m
e
m
o
n
1
.
01
A
m
I
I
L
t
n
e
r
r
u
c
e
g
a
k
a
e
l
t
u
p
n
IV
N
I
V
o
t
V
0
=
C
C
2A
µ
I
O
L
t
u
Ot
n
e
r
r
u
c
e
g
a
k
a
e
l
t
u
pV
T
U
O
V
o
t
V
0
=
C
C
0
1A
µ
V
1
L
O
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
O
I
L
O
A
m
5
=4
.
0
V
I
L
O
A
m
1
=4
.
0
V
2
L
O
e
g
a
t
l
o
v
w
o
l
t
u
p
t
u
O
V
C
C
I
,
V
5
=
L
O
A
m
1
.
2
=4
.
0
V
V
C
C
I
,
V
5
.
4
<
L
O
A
m
1
=2
.
0
V
H
O
e
g
a
t
l
o
v
h
g
i
h
t
u
p
t
u
O
V
C
C
I
,
V
5
=
L
O
A
m
0
0
4
=
4
.
2
V
V
C
C
I
,
V
5
.
4
<
L
O
A
m
0
0
1
=V
C
C
2
.
0
V
L
I
e
g
a
t
l
o
v
w
o
l
t
u
p
n
I1
.
0
3
.
0
× V
C
C
V
V
H
I
e
g
a
t
l
o
v
h
g
i
h
t
u
p
n
I2
V
C
C
1
+V
s
t
u
p
n
I
g
o
l
a
n
A
V
N
I
F
E
R
V
F
E
R
e
g
a
t
l
o
v
t
u
p
n
i1
5
V
V
1
N
I
V
n
o
e
g
a
t
l
o
v
t
u
p
n
I
C
C
0
H
C
/
0
h
g
u
o
r
h
tV
C
C
3
H
C
/
3
05
.
5V
V
2
N
I
4
s
l
e
n
n
a
h
c
n
o
e
g
a
t
l
o
v
t
u
p
n
I
7
h
g
u
o
r
h
t
02
× V
N
I
F
E
R
V
V
3
N
I
0
C
O
n
o
e
g
a
t
l
o
v
t
u
p
n
I
3
C
O
h
g
u
o
r
h
t
0V
C
C
V
I
O
R
V
V
T
U
O
F
E
R
t
n
e
r
r
u
c
V
T
U
O
F
E
R
V
5
.
2
=1
A
m
V
T
U
O
F
E
R
V
8
4
0
.
2
=1


Número de pieza similar - SMD1108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMD1102 SUMMIT-SMD1102 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103 SUMMIT-SMD1103 Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
SMD1103S SUMMIT-SMD1103S Datasheet
502Kb / 14P
   10-Bit Data Acquisition System for Autonomous Environmental Monitoring
logo
Chenmko Enterprise Co. ...
SMD110APT CHENMKO-SMD110APT Datasheet
258Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SMD110HE MCC-SMD110HE Datasheet
402Kb / 3P
   High surge forward current capability
More results

Descripción similar - SMD1108

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC128D818 TI1-ADC128D818_15 Datasheet
1Mb / 46P
[Old version datasheet]   ADC System Monitor
logo
Lattice Semiconductor
ISPPAC20 LATTICE-ISPPAC20 Datasheet
489Kb / 32P
   In-System Programmable Analog Circuit
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
PAC80 LATTICE-PAC80 Datasheet
342Kb / 19P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Texas Instruments
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
   In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Texas Instruments
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
logo
Lattice Semiconductor
ISPPAC-POWR1208P1 LATTICE-ISPPAC-POWR1208P1 Datasheet
448Kb / 34P
   In-System Programmable Power Supply Sequencing Controller and Precision Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com