Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PN11SBNA03QE Datasheet(PDF) 3 Page - ITT Industries

No. de Pieza. PN11SBNA03QE
Descripción  Alternate & Momentary Action Pushbutton Switches
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

PN11SBNA03QE Datasheet(HTML) 3 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A–81
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
A
C&K PN Series
Alternate & Momentary Action Pushbutton Switches
PC MOUNTING
Shorting
.140 (3,5)
.100 (2,5)
175g
300g
300g
4PDT Momentary
4PDT Momentary
4PDT Locking
PN41LGSA02QE
PN41LESA02QE
PN42LESA02QE
Non-Shorting
.140 (3,5)
.100 (2,5)
175g
300g
300g
4PDT Momentary
4PDT Momentary
4PDT Locking
PN41LGNA02QE
PN41LENA02QE
PN42LENA02QE
SCHEMATIC
SHORTING/
NON-SHORTING
STROKE
LOCK STROKE
FULL STROKE
OPERATING
FORCE (typ.)
SWITCH
FUNCTION
PART NUMBER
PN41LGSA02QE
4PDT
Indexed
G001A
Black
G001G
Gray
G001I
Ivory
G001R
Red
Rectangular
G002A
Black
G002G
Gray
G002I
Ivory
G002R
Red
Round
G003A
Black
G003G
Gray
G003I
Ivory
G003R
Red
Square
G004A
Black
G004G
Gray
G004I
Ivory
G004R
Red
G001, G002, G003 and G004 buttons fit .110” square plungers.
PE and PV buttons fit .130” square plungers
PE
PV
7
(.276)
9,7
(.382)
5,9
(.232)
11
(.433)
13.7
(.59)
OPTION CODE
COLOR
RD
Red
GY
Gray
BK
Black
WH
White
BUTTONS MUST BE ORDERED SEPARATELY. SHIPPED IN BULK.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn