Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

KM1202A05B Datasheet(PDF) 3 Page - ITT Industries

No. de Pieza. KM1202A05B
Descripción  Subminiature Pushbutton Switches
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo 

KM1202A05B Datasheet(HTML) 3 Page - ITT Industries

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A–67
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K KM Series
Subminiature Pushbutton Switches
BUSHING/ MOUNTING STYLE
TERMINATIONS
CONTACT MATERIAL
SEAL
PANEL MOUNTING
PC MOUNTING
22 AWG
insulated
wire.
08 RIGHT ANGLE, PC THRU-HOLE
A
RIGHT ANGLE
E
EPOXY SEAL
NONE
NO SEAL
WC WIRE LEAD
05 .110" QUICK CONNECT
02 PC THRU-HOLE
RR
1/4-40 THREAD, .225" HIGH
KM11 & KM33 models only.
KM12 models only.
KM12 models only.
KM12 models only.
KM11 models only.
KM11 models only.
UL style 1015.
KM11 & KM33 models.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate.
2 STATIONARY CONTACTS & TERMINALS: Copper, silver plated (standard with all
termination options).
MOVABLE CONTACT: Phosphor bronze or beryllium copper, silver plated.
3 STATIONARY CONTACTS & TERMINALS: Copper, with gold plate over nickel plate
over silver plate.
MOVABLE CONTACT: Phosphor bronze or beryllium copper, with gold plate over
nickel plate over silver plate.
NOTE: Any models supplied with Q or B contact material are RoHS compliant. For the
latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs.
KM11, KM12 models
when ordered with ‘Q’ contact material.
A
YES
YES
YES
YES
RoHS
COMPLIANT *
RoHS
COMPATIBLE *
RATINGS
CONTACT AND TERMINAL MATERIAL
OPTION
CODE
B
Q
GOLD 1
SILVER 2
POWER
LOW LEVEL/DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
0.25 AMPS @ 125 V AC OR DC (KM11, KM12) (UL)
1 AMP @ 125 V AC OR 28 V DC (KM33).


Html Pages

1  2  3  4 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn