Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS73633DRBRG4 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS73633DRBRG4 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 27 page www.ti.com ELECTRICAL CHARACTERISTICS TPS736xx SBVS038K – SEPTEMBER 2003 – REVISED SEPTEMBER 2005 Over operating temperature range (T J = -40°C to +125°C), VIN = VOUT(nom) + 0.5V (1), I OUT = 10mA, VEN = 1.7V, and C OUT = 0.1µF, unless otherwise noted. Typical values are at TJ = 25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN Input voltage range(1)(2) 1.7 5.5 V VFB Internal reference (TPS73601) TJ = 25°C 1.198 1.20 1.210 V Output voltage range VFB 5.5 - VDO V (TPS73601) VOUT Nominal TJ = 25°C -0.5 +0.5 Accuracy(1) % over VIN, IOUT, VOUT + 0.5V ≤ VIN≤ 5.5V; -1.0 ±0.5 +1.0 and T 10mA ≤ I OUT≤ 400mA ∆V OUT%/∆VIN Line regulation(1) VO(nom) + 0.5V≤ VIN≤ 5.5V 0.01 %/V 1mA ≤ I OUT≤ 400mA 0.002 ∆V OUT%/∆IOUT Load regulation %/mA 10mA ≤ I OUT≤ 400mA 0.0005 Dropout voltage(3) VDO IOUT = 400mA 75 200 mV (VIN = VOUT(nom) - 0.1V) ZO(DO) Output impedance in dropout 1.7V ≤ V IN≤ VOUT + VDO 0.25 Ω VOUT = 0.9 × VOUT(nom) 400 650 800 mA ICL Output current limit 3.6V ≤ V IN≤ 4.2V, 0°C ≤ TJ≤ 70°C 500 800 mA ISC Short-circuit current VOUT = 0V 450 mA IREV Reverse leakage current(4) (-IIN) VEN ≤ 0.5V, 0V≤ VIN≤ VOUT 0.1 10 µA IOUT = 10mA (IQ) 400 550 IGND Ground pin current µA IOUT = 400mA 800 1000 ISHDN Shutdown current (IGND) VEN ≤ 0.5V, VOUT≤ VIN≤ 5.5 0.02 1 µA IFB FB pin current (TPS73601) 0.1 0.3 µA f = 100Hz, IOUT = 400mA 58 Power-supply rejection ratio PSRR dB (ripple rejection) f = 10KHz, IOUT = 400mA 37 COUT = 10µF, No CNR 27 × VOUT Output noise voltage VN µVRMS BW = 10Hz - 100KHz COUT = 10µF, CNR = 0.01µF 8.5 × VOUT VOUT = 3V, RL = 30Ω COUT = 1µF, tSTR Startup time 600 µs CNR = 0.01µF VEN(HI) Enable high (enabled) 1.7 VIN V VEN(LO) Enable low (shutdown) 0 0.5 V IEN(HI) Enable pin current (enabled) VEN = 5.5V 0.02 0.1 µA Shutdown, temperature increasing 160 TSD Thermal shutdown temperature °C Reset, temperature decreasing 140 TJ Operating junction temperature -40 125 °C (1) Minimum VIN = VOUT +VDO or 1.7V, whichever is greater. (2) For VOUT(nom) <1.6V, when VIN≤ 1.6V, the output will lock to VIN and may result in a damaging over-voltage level on the output. To avoid this situation, disable the device before powering down the VIN. (3) VDO is not measured for the TPS73615 (VOUT(nom) = 1.5V) since minimum VIN = 1.7V. (4) Refer to Applications section for more information. 3 |
Número de pieza similar - TPS73633DRBRG4 |
|
Descripción similar - TPS73633DRBRG4 |