Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADM3074E Datasheet(PDF) 1 Page - Analog Devices |
|
ADM3074E Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 ©2006 Analog Devices, Inc. All rights reserved. FEATURES TIA/EIA RS-485/RS-422 compliant ±15 kV ESD protection on RS-485 input/output pins Data rates ADM3070E/ADM3071E/ADM3072E: 250 kbps ADM3073E/ADM3074E/ADM3075E: 500 kbps ADM3076E/ADM3077E/ADM3078E: 16 Mbps Half- and full-duplex options True fail-safe receiver inputs Up to 256 nodes on the bus −40°C to +125°C temperature option Hot-swap input structure on DE and RE pins Reduced slew rates for low EMI Low power shutdown current (all except ADM3071E/ADM3074E/ADM3077E) Outputs high-Z when disabled or powered off Common-mode input range: −7 V to +12 V Thermal shutdown and short-circuit protection 8-lead and 14-lead narrow SOIC packages APPLICATIONS Power/energy metering Industrial control Lighting systems Telecommunications Security systems Instrumentation GENERAL DESCRIPTION The ADM3070E to ADM3078E are 3.3 V, low power data transceivers with ±15 kV ESD protection suitable for full- and half-duplex communication on multipoint bus transmission lines. They are designed for balanced data transmission, and they comply with TIA/EIA standards RS-485 and RS-422. The devices have an ⅛ unit load receiver input impedance, which allows up to 256 transceivers on a bus. Because only one driver should be enabled at any time, the output of a disabled or powered-down driver is tristated to avoid overloading the bus. The receiver inputs have a true fail-safe feature, which eliminates the need for external bias resistors and ensures a logic high output level when the inputs are open or shorted. This guarantees that the receiver outputs are in a known state before communication begins and when communication ceases. FUNCTIONAL BLOCK DIAGRAMS ADM3070E/ ADM3073E/ ADM3076E RO RE DE DI VCC A B Z Y GND R D Figure 1. ADM3071E/ ADM3074E/ ADM3077E RO DI VCC A B Z Y GND R D . Figure 2. ADM3072E/ ADM3075E/ ADM3078E RO RE DE DI VCC A B GND D R Figure 3. (continued on Page 3) |
Número de pieza similar - ADM3074E |
|
Descripción similar - ADM3074E |