Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM29F800T-120SI Datasheet(PDF) 10 Page - Advanced Micro Devices |
|
AM29F800T-120SI Datasheet(HTML) 10 Page - Advanced Micro Devices |
10 / 41 page 10 Am29F800T/Am29F800B 8/18/97 PR E L IM IN A R Y Table 5. Sector Address Tables (Am29F800T) Note: The address range is A18:A–1 if in byte mode (BYTE = VIL). The address range is A18:A0 if in word mode (BYTE = VIH). A18 A17 A16 A15 A14 A13 A12 Sector Size (x16) Address Range (x8) Address Range SA0 0000 X X X 64 Kbytes 32 Kwords 00000h–07FFFh 00000h–0FFFFh SA1 0001 X X X 64 Kbytes 32 Kwords 08000h–0FFFFh 10000h–1FFFFh SA2 0010 X X X 64 Kbytes 32 Kwords 10000h–17FFFh 20000h–2FFFFh SA3 0011 X X X 64 Kbytes 32 Kwords 18000h–1FFFFh 30000h–3FFFFh SA4 0100 X X X 64 Kbytes 32 Kwords 20000h–27FFFh 40000h–4FFFFh SA5 0101 X X X 64 Kbytes 32 Kwords 28000h–2FFFFh 50000h–5FFFFh SA6 0110 X X X 64 Kbytes 32 Kwords 30000h–37FFFh 60000h–6FFFFh SA7 0111 X X X 64 Kbytes 32 Kwords 38000h–3FFFFh 70000h–7FFFFh SA8 1000 X X X 64 Kbytes 32 Kwords 40000h–47FFFh 80000h–8FFFFh SA9 1001 X X X 64 Kbytes 32 Kwords 48000h–4FFFFh 90000h–9FFFFh SA10 1010 X X X 64 Kbytes 32 Kwords 50000h–57FFFh A0000h–AFFFFh SA11 1011 X X X 64 Kbytes 32 Kwords 58000h–5FFFFh B0000h–BFFFFh SA12 1100 X X X 64 Kbytes 32 Kwords 60000h–67FFFh C0000h–CFFFFh SA13 1101 X X X 64 Kbytes 32 Kwords 68000h–6FFFFh D0000h–DFFFFh SA14 1110 X X X 64 Kbytes 32 Kwords 70000h–77FFFh E0000h–EFFFFh SA15 11110 X X 32 Kbytes 16 Kwords 78000h–7BFFFh F0000h–F7FFFh SA16 1111100 8 Kbytes 4 Kwords 7C000h–7CFFFh F8000h–F9FFFh SA17 1111101 8 Kbytes 4 Kwords 7D000h–7DFFFh FA000h–FBFFFh SA18 111111 X 16 Kbytes 8 Kwords 7E000h–7FFFFh FC000h–FFFFFh |
Número de pieza similar - AM29F800T-120SI |
|
Descripción similar - AM29F800T-120SI |