Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S72WS-N Datasheet(PDF) 3 Page - SPANSION

No. de Pieza. S72WS-N
Descripción  Based MCP/PoP Products
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo 

S72WS-N Datasheet(HTML) 3 Page - SPANSION

 
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you evaluate this product. Do not
design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work on this proposed product without notice
Publication Number S72WS-N_00
Revision A Amendment 8 Issue Date June 1, 2006
Distinctive Characteristics
MCP Features
Power supply voltage of 1.7 to 1.95V
High Performance
Flash access time: 80 ns for NOR Flash, 25 ns for ORNAND Flash
Flash burst frequencies: 54 MHz, 66MHz, 80MHz
Mobile SDRAM burst frequency: 104 MHz, 133 MHz (DDR)
Package:
— 9.0 x 12.0 mm MCP BGA
— 11.0 x 13.0 mm MCP BGA
— 15.0 x 15.0 x 1.2 mm MCP Package-on-Package (PoP)
Operating Temperature
— –25°C to +85°C (wireless)
General Description
The S72WS series is a product line of stacked Multi-Chip Product (MCP) packages and consists of:
One or two NOR flash memory dies
One NAND Interface ORNAND die
Separate bus for one or more Mobile SDRAM die
The products covered by this document are listed in the table below.
Note: For a list of PoP OPNs, please contact the local sales representative or refer to the Ordering In-
formation valid combinations tables.
For detailed specifications, please refer to the individual data sheets.
S72WS-N based MCP/PoP Products
1.8 Volt-only x16 Flash Memory and SDRAM on Split Bus
256/512 Mb Simultaneous Read/Write, Burst Mode Flash Memory
512 Mb NAND Flash
1024 Mb NAND Interface ORNAND Flash Memory on Bus 1
512/256/128 Mb (8M/4M/2M x 16-bit x 4 Banks) Mobile SDRAM on Bus 2
Data Sheet
ADVANCE
INFORMATION
Device
NOR Flash Density
NAND Flash Density
SDRAM Density
512Mb
256Mb
128Mb
1024Mb
512Mb
512Mb
256Mb
128Mb
S72WS256ND0
X
X
S72WS256NDE
X
X
S72WS256NEE
X
X
S72WS512NFG
X
X
X
S72WS512NEG
X
X
X
S72WS512NEF
X
X
X
S72WS512NFF
X
X
X
Document
Publication Identification Number (PID)
S29WS256N
S29WS-N_00
S30MS01GP/512P
S30MS-P_00
128 Mb Mobile SDRAM Type 1
SDRAM_01
128 Mb Mobile SDRAM Type 2
SDRAM_05
128 Mb Mobile DDR-DRAM Type 5
SDRAM_07
256 Mb Mobile SDRAM Type 2
SDRAM_05
512 Mb Mobile DDR-DRAM Type 1
SDRAM_09
512 Mb Mobile SDRAM Type 4
SDRAM_06
512 Mb NAND Type 1
NAND_01
512 Mb Mobile DDR-DRAM Type 5
DRAM_04
512 Mb Mobile DDR-DRAM Type 2
DRAM_05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn