Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

S72WS-N Datasheet(PDF) 6 Page - SPANSION

No. de Pieza. S72WS-N
Descripción  Based MCP/PoP Products
Descarga  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo 

S72WS-N Datasheet(HTML) 6 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
4
S72WS-N Based MCP/PoP Products
S72WS-N_00_A8 June 1, 2006
Advance
Info rmation
1.2
NOR Flash + ORNAND Flash + DRAM Products
Device-Model#
NOR
Flash
Density
ORNAND
Flash
Density
SDRAM
Density
Flash
Speed
DRAM
Speed
Supplier
ORNAND
Bus
Width
ECC
required?
Package
S72WS512NFFBFWZ2
512Mb
512Mb
(NAND)
512Mb
66MHz
133MHz
(DDR)
DRAM
Type 1
X16
Yes
11x13x1.4mm
S72WS512NFFBFWZJ
DRAM
Type 5
S72WS512NFG-L7
1024Mb
54MHz
104MHz
DRAM
Type 4
No
11x13x1.4mm
S72WS512NFG-L6
66MHz
S72WS512NFG-L5
80MHz
S72WS512NFG-47
54MHz
X8
S72WS512NFG-46
66MHz
S72WS512NFG-45
80MHz
S72WS512NFG-LZ
54MHz
DRAM
Type 2
X16
S72WS512NFG-LY
66MHz
S72WS512NFG-LW
80MHz
S72WS512NFG-4Z
54MHz
X8
S72WS512NFG-4Y
66MHz
S72WS512NFG-4W
80MHz
S72WS512NFG-N7
54MHz
DRAM
Type 4
X16
Yes
S72WS512NFG-N6
66MHz
S72WS512NFG-N5
80MHz
S72WS512NFG-67
54MHz
X8
S72WS512NFG-66
66MHz
S72WS512NFG-65
80MHz
S72WS512NFG-NZ
54MHz
DRAM
Type 2
X16
S72WS512NFG-NY
66MHz
S72WS512NFG-NW
80MHz
S72WS512NFG-6Z
54MHz
X8
S72WS512NFG-6Y
66MHz
S72WS512NFG-6W
80MHz
S72WS512NEG-LZ
256 Mb
54MHz
X16
No
S72WS512NEG-LY
66MHz
S72WS512NEG-LW
80MHz
S72WS512NEG-4Z
54MHz
X8
S72WS512NEG-4Y
66MHz
S72WS512NEG-4W
80MHz
S72WS512NEG-NZ
54MHz
X16
Yes
S72WS512NEG-NY
66MHz
S72WS512NEG-NW
80MHz
S72WS512NEG-6Z
54MHz
X8
S72WS512NEG-6Y
66MHz
S72WS512NEG-6W
80MHz
S72WS512NEFKFWHJ
512Mb
512Mb
(NAND)
256Mb
66MHz
133MHz
(DDR)
DRAM
Type2
x16
Yes
15x15x1.25mm
S72WS512NFFKFWZ2
512Mb
DRAM
Type 1
15x15x1.25mm
S72WS512NFFKFWZJ
DRAM
Type 5
15x15x1.25mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn