Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF710A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza IRF710A
Descripción Electrónicos  Advanced Power MOSFET (400V, 3.6ohm, 2A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF710A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRF710A Datasheet HTML 1Page - Fairchild Semiconductor IRF710A Datasheet HTML 2Page - Fairchild Semiconductor IRF710A Datasheet HTML 3Page - Fairchild Semiconductor IRF710A Datasheet HTML 4Page - Fairchild Semiconductor IRF710A Datasheet HTML 5Page - Fairchild Semiconductor IRF710A Datasheet HTML 6Page - Fairchild Semiconductor IRF710A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRF710A
BV
DSS = 400 V
R
DS(on) = 3.6Ω
I
D = 2 A
400
2
1.3
6
±30
114
2
3.6
4.0
36
0.29
- 55 to +150
300
3.44
--
62.5
--
0.5
--
♦ Avalanche Rugged Technology
♦ Rugged Gate Oxide Technology
♦ Lower Input Capacitance
♦ Improved Gate Charge
♦ Extended Safe Operating Area
♦ Lower Leakage Current: 10µA (Max.) @ V
DS = 400V
♦ Low R
DS(ON): 2.815Ω (Typ.)
$GYDQFHG 3RZHU 026)(7
Thermal Resistance
Junction-to-Case
Case-to-Sink
Junction-to-Ambient
RθJC
RθCS
RθJA
°C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (TC=25°C)
Continuous Drain Current (TC=100°C)
Drain Current-Pulsed
(1)
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
(2)
Avalanche Current
(1)
Repetitive Avalanche Energy
(1)
Peak Diode Recovery dv/dt
(3)
Total Power Dissipation (TC=25°C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8 from case for 5-seconds
Characteristic
Value
Units
Symbol
IDM
VGS
EAS
IAR
EAR
dv/dt
ID
PD
TJ , TSTG
TL
A
V
mJ
A
mJ
V/ns
W
W/
°C
A
°C
VDSS
V
TO-220
1.Gate 2. Drain 3. Source
3
2
1
©1999 Fairchild Semiconductor Corporation
Rev. B


Número de pieza similar - IRF710A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRF710A ISC-IRF710A Datasheet
46Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - IRF710A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFR310 IRF-IRFR310 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=1.7A)
IRFD310 IRF-IRFD310 Datasheet
459Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=3.6ohm, Id=0.35A)
logo
Unisonic Technologies
2N40_1109 UTC-2N40_1109 Datasheet
175Kb / 5P
   2A, 400V N-CHANNEL POWER MOSFET
logo
International Rectifier
JANTX2N6786 IRF-JANTX2N6786 Datasheet
230Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=400V, Rds(on)=3.6ohm, Id=1.25A)
logo
Fairchild Semiconductor
IRF720A FAIRCHILD-IRF720A Datasheet
227Kb / 7P
   Advanced Power MOSFET (400V, 1.8ohm, 3.3A)
logo
Alpha & Omega Semicondu...
AOD3T40P AOSMD-AOD3T40P Datasheet
459Kb / 6P
   400V,2A N-Channel MOSFET
logo
Renesas Technology Corp
CR2AS-8UE RENESAS-CR2AS-8UE Datasheet
474Kb / 6P
   400V - 2A - Thyristor
May. 10, 2019
CR2PM-8UE RENESAS-CR2PM-8UE Datasheet
824Kb / 6P
   400V - 2A - Thyristor
Dec 24, 2014
CR2PM-8UE RENESAS-CR2PM-8UE_15 Datasheet
289Kb / 6P
   400V - 2A - Thyristor Low Power Use
CR2AS-8UE RENESAS-CR2AS-8UE_15 Datasheet
138Kb / 6P
   400V - 2A ??Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com