Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S72WS256PFFKF01G2 Datasheet(PDF) 14 Page - SPANSION

No. de pieza S72WS256PFFKF01G2
Descripción Electrónicos  based MCP/PoP Products
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S72WS256PFFKF01G2 Datasheet(HTML) 14 Page - SPANSION

Back Button S72WS256PFFKF01G2 Datasheet HTML 9Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 10Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 11Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 12Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 13Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 14Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 15Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 16Page - SPANSION S72WS256PFFKF01G2 Datasheet HTML 17Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
12
S72WS-P based MCP/PoP Products
S72WS-P_00_A4 May 29, 2006
Da ta
Sh eet
( A dv an ce
In f o r m at io n)
5.2
FVD137—137-ball Fine-Pitch Ball Grid Array (FBGA) 13 x 11 mm Package
3522 \ 16-038.21 \ 09.29.05
PACKAGE
FVD 137
JEDEC
N/A
D x E
13.00 mm x 11.00 mm
NOTE
PACKAGE
SYMBOL
MIN
NOM
MAX
A
---
---
1.40
PROFILE
A1
0.10
---
---
BALL HEIGHT
A2
1.09
---
1.24
BODY THICKNESS
D
13.00 BSC.
BODY SIZE
E
11.00 BSC.
BODY SIZE
D1
10.40 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
14
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
137
BALL COUNT
Øb
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC.
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD SE
0.40 BSC.
SOLDER BALL PLACEMENT
G5,H5,H6
DEPOPULATED SOLDER BALLS
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION
4.3, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
0.08
C
C
6
b
0.15 M C
C
AB
M
SIDE VIEW
137X
0.08
7
SE
E1
D1
10
9
8
6
4
5
2
1
3
eE
7
eD
A
CORNER
PIN A1
C
D
E
F
G
H
J
K
L
M
N
7
SD
BOTTOM VIEW
P
C
B
A
D
E
0.15
(2X)
C
B
C
0.15
(2X)
9
TOP VIEW
PIN A1
CORNER
A2
A
INDEX MARK
A1
0.20


Número de pieza similar - S72WS256PFFKF01G2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S72WS256ND0 SPANSION-S72WS256ND0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y0 SPANSION-S72WS256ND0BAW4Y0 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y2 SPANSION-S72WS256ND0BAW4Y2 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAW4Y3 SPANSION-S72WS256ND0BAW4Y3 Datasheet
977Kb / 30P
   Based MCP/PoP Products
S72WS256ND0BAWB7 SPANSION-S72WS256ND0BAWB7 Datasheet
977Kb / 30P
   Based MCP/PoP Products
More results

Descripción similar - S72WS256PFFKF01G2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S72MS-P SPANSION-S72MS-P Datasheet
315Kb / 10P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com