Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29GL032M10TBCR03 Datasheet(PDF) 90 Page - SPANSION

No. de pieza S29GL032M10TBCR03
Descripción Electrónicos  256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M10TBCR03 Datasheet(HTML) 90 Page - SPANSION

Back Button S29GL032M10TBCR03 Datasheet HTML 86Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 87Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 88Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 89Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 90Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 91Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 92Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 93Page - SPANSION S29GL032M10TBCR03 Datasheet HTML 94Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 116 page
background image
88
S29GL-M MirrorBitTM Flash Family
S29GL-M_00_B6 October 10, 2006
Data
Sheet
AC Characteristics
Erase and Program Operations—S29GL032M Only
Notes:
1. Not 100% tested.
2. See Erase and Programming Performance for more information
3. For 1–16 words/1–32 bytes programmed.
4. Effective write buffer specification is based upon a 16-word/32-byte write buffer operation.
5. If a program suspend command is issued within tPOLL, the device requires tPOLL before reading
status data, once programming resumes (that is, the program resume command has been
written). If the suspend command was issued after tPOLL, status data is available immediately
after programming resumes. See Figure 16.
Parameter
Description
Speed Options
Unit
JEDEC
Std.
90
10
11
tAVAV
tWC
Write Cycle Time (Note 1)
Min
90
100
110
ns
tAVWL
tAS
Address Setup Time
Min
0
ns
tASO
Address Setup Time to OE# low during toggle bit polling
Min
15
ns
tWLAX
tAH
Address Hold Time
Min
45
ns
tAHT
Address Hold Time From CE# or OE# high during toggle bit polling Min
0
ns
tDVWH
tDS
Data Setup Time
Min
35
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tCEPH
CE# High during toggle bit polling
Min
20
ns
tOEPH
OE# High during toggle bit polling
Min
20
ns
tGHWL
tGHWL
Read Recovery Time Before Write (OE# High to WE# Low)
Min
0
ns
tELWL
tCS
CE# Setup Time
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
35
ns
tWHDL
tWPH
Write Pulse Width High
Min
30
ns
tWHWH1
tWHWH1
Write Buffer Program Operation (Notes 2, 3)
Typ
240
µs
Single Word Program Operation (Note 2)
Typ
60
Accelerated Single Word Program Operation (Note 2)
Typ
54
tWHWH2
tWHWH2 Sector Erase Operation (Note 2)
Typ
0.5
sec
tVHH
VHH Rise and Fall Time (Note 1)
Min
250
ns
tVCS
VCC Setup Time (Note 1)
Min
50
µs
tBUSY
WE# High to RY/BY# Low
Min
90
100
110
ns
tPOLL
Program Valid before Status Polling
Max
4
µs


Número de pieza similar - S29GL032M10TBCR03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL032M10TBIR00 SPANSION-S29GL032M10TBIR00 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR02 SPANSION-S29GL032M10TBIR02 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR03 SPANSION-S29GL032M10TBIR03 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR10 SPANSION-S29GL032M10TBIR10 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL032M10TBIR12 SPANSION-S29GL032M10TBIR12 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
More results

Descripción similar - S29GL032M10TBCR03

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com