Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54615-Q1 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza TPS54615-Q1
Descripción Electrónicos  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54615-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54615-Q1 Datasheet HTML 2Page - Texas Instruments TPS54615-Q1 Datasheet HTML 3Page - Texas Instruments TPS54615-Q1 Datasheet HTML 4Page - Texas Instruments TPS54615-Q1 Datasheet HTML 5Page - Texas Instruments TPS54615-Q1 Datasheet HTML 6Page - Texas Instruments TPS54615-Q1 Datasheet HTML 7Page - Texas Instruments TPS54615-Q1 Datasheet HTML 8Page - Texas Instruments TPS54615-Q1 Datasheet HTML 9Page - Texas Instruments TPS54615-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS54611Q1,TPS54612Q1
TPS54613Q1,TPS54614Q1
TPS54615Q1,TPS54616Q1
SGLS266D − OCTOBER 2004 − REVISED DECEMBER 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS (CONTINUED)
TJ = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OSCILLATOR
Internally set—free running frequency
FSEL
≤ 0.8 V, RT open
265
350
440
kHz
Internally set—free running frequency
FSEL
≥ 2.5 V, RT open
415
550
680
kHz
Externally set—free running
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set—free running
frequency range
RT = 160 k
Ω (1% resistor to AGND)
290
312
350
kHz
frequency range
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
kHz
High level threshold, FSEL
2.5
V
Low level threshold, FSEL
0.8
V
Pulse duration, FSEL(1)
50
ns
Frequency range, FSEL(1) (4)
330
700
kHz
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle(1)
90%
(1) Specified by design
(2) Static resistive loads only
(3) Tested using circuit in Figure 10.
(4) To ensure proper operation when RC filter is used between external clock and FSEL pin, the recommended values are R ≤ 1kΩ and
C
≤ 120 pF.


Número de pieza similar - TPS54615-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54615-Q1 TI-TPS54615-Q1 Datasheet
344Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT,6-A OUTPUT SYNCHRONOUS BUCK PWM
More results

Descripción similar - TPS54615-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com