Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AD8153 Datasheet(PDF) 16 Page - Analog Devices

No. de Pieza. AD8153
Descripción  Single Buffered Switch 3.2 Gbps
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

AD8153 Datasheet(HTML) 16 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AD8153
Rev. PrA | Page 16 of 18
OUTLINE DIMENSIONS
Notes
The 8153 has a conductive heat slug to help dissipate heat and ensure reliable operation of the device over the full industrial temperature
range. The slug is exposed on the bottom of the package and is electrically connected to VEE. It is recommended that no PCB signal traces
or vias be located under the package that could come into contact with the slug.
Figure 10. 32-Lead QFN, Exposed Paddle
Dimensions shown in millimeters


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18