Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLC8R1310 Datasheet(PDF) 1 Page - ITT Industries

No. de pieza SLC8R1310
Descripción Electrónicos  Snap/Clip-Lock Environmentally Sealed - Circular
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

SLC8R1310 Datasheet(HTML) 1 Page - ITT Industries

  SLC8R1310 Datasheet HTML 1Page - ITT Industries SLC8R1310 Datasheet HTML 2Page - ITT Industries SLC8R1310 Datasheet HTML 3Page - ITT Industries SLC8R1310 Datasheet HTML 4Page - ITT Industries SLC8R1310 Datasheet HTML 5Page - ITT Industries SLC8R1310 Datasheet HTML 6Page - ITT Industries SLC8R1310 Datasheet HTML 7Page - ITT Industries SLC8R1310 Datasheet HTML 8Page - ITT Industries SLC8R1310 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Clip Lock
4
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Contact
Arrangement
Features
Terminals
Specifications
Plug
Receptacle
2 Position
4 Position
5 Position
Inline
CS-216
086-0066-000 w/Wedgelock
086-0058-000 Standard
086-0061-000 w/Wedgelock
See page 14
Feed Thru
Clip Lock
CS-216
086-0058-000 Standard
083-0242-000
See page 14
Contact
Cannon
Inline
Clip Lock
CS-216
Contact
Cannon
Contact
Cannon
Contact Cannon
PCB
Snap Lock
CS-206
098532-0000 (5 A)
098532-001 (13 A)
098531-0000 (5 A)
098531-0001 (13 A)
See page 14
Inline
Snap Lock
CS-206
098532-0000 (5 A)
098532-001 (13 A)
098530-0000 (5 A)
098530-0001 (13 A)
See page 14
Plug
Receptacle
Plug
Receptacle
SLC
5
T
13
0
0
Series Prefix
Size/Configuration
Connector Type
Contact Termination
Material/Finish Modifier
Mechanical Modifier
Series Prefix
SLC - Snap-Lock Circular
Size/Configuration
5-5 Cavity Housing
8-8 Cavity Housing
10-10 Cavity Housing
15-15 Cavity Housing
Connector Type
P -
Plug, In-line (Cable-to-Cable)*
R -
Receptacle, In-line (Cable-to-Cable)
T -
Receptacle, Snap-thru
B -
Receptacle, PCB
Contact Termination
5 - 5 A
13 - 13 A
Material/Finish Modifier
0 - Standard Assembly (Silicone Elastomer)
1 - Fluorosilicone Elastomer
Mechanical Modifier
0 - Standard Assembly
*Note: In-line Plug mates with all 3 receptacle types (In-line, Snap-thru, and PCB.)
How to Order
12
21
3
4
5
1
2
1
5
4
3
2
Engineering Quick Reference Selection Guide
Snap/Clip-Lock Environmentally Sealed - Circular


Número de pieza similar - SLC8R1310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Solid State Optronic
SLC800 SSOUSA-SLC800 Datasheet
185Kb / 4P
   Linear Optocoupler
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
   Linear Optocoupler
More results

Descripción similar - SLC8R1310

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
SLE ITT-SLE Datasheet
388Kb / 14P
   Snap-Lock Environmentally Sealed - Rectangular
logo
List of Unclassifed Man...
WB15L ETC2-WB15L Datasheet
353Kb / 5P
   Environmentally Sealed Pushbuttons
logo
Nihon Kaiheiki Industry...
WR11AS NKK-WR11AS Datasheet
214Kb / 5P
   Environmentally Sealed Rockers
WT11S NKK-WT11S Datasheet
432Kb / 6P
   Environmentally Sealed Toggles
WB12S-DA NKK-WB12S-DA Datasheet
179Kb / 4P
   Environmentally Sealed Pushbuttons
logo
Texas Instruments
7BT2 TI-7BT2 Datasheet
567Kb / 2P
[Old version datasheet]   HIGH CAPACITY ENVIRONMENTALLY SEALED
logo
Astrodyne Corporation
T100100070-LF ASTRODYNE-T100100070-LF Datasheet
54Kb / 2P
   500W 27 Volt Environmentally Sealed Power Module
logo
Laird Tech Smart Techno...
MS3 LSTD-MS3 Datasheet
541Kb / 2P
   Environmentally friendly
logo
DDK Ltd.
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM08 DDK-CM08 Datasheet
178Kb / 2P
   M8 Sized & Sealed Circular Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com