Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

VL-FS-MDLS16119D-01 Datasheet(PDF) 6 Page - Varitronix international limited

No. de Pieza. VL-FS-MDLS16119D-01
Descripción  SPECIFICATION OF LCD MODULE TYPE
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VARITRONIX [Varitronix international limited]
Página de inicio  http://www.varitronix.com
Logo 

VL-FS-MDLS16119D-01 Datasheet(HTML) 6 Page - Varitronix international limited

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
VL-FS- MDLS16119D-01 REV. A
(MDLS16119D-LV-DIE IC)
OCT/2001
PAGE 6 OF 12
3.
Absolute Maximum Ratings
3.1
Electrical Maximum Ratings(Ta = 25 ºC)
Table 2
Parameter
Symbol
Min.
Max.
Unit
Power Supply voltage (Logic)
VDD - VSS
-0.3
+7.0
V
Power Supply voltage (LCD drive)
VLCD
=VDD – V0
-0.3
+13.5
V
Input voltage
Vin
-0.3
VDD+0.3
V
Note:
The modules may be destroyed if they are used beyond the absolute maximum ratings.
All voltage values are referenced to VSS = 0V.
3.2
Environmental Condition
Table 3
Item
Operating
Temperature
(Topr)
Storage
Temperature
(Tstg)
Remark
Min.
Max.
Min.
Max.
Ambient Temperature
0
°C
+50
°C
-10
°C
+60
°C Dry
Humidity
95% max. RH for Ta
≤ 40°C
< 95% RH for Ta > 40
°C
no condensation
Vibration (IEC 68-2-6)
cells must be mounted
on a suitable connector
Frequency:
10
∼ 55 Hz
Amplitude:
0.75 mm
Duration: 20 cycles in each direction.
3 directions
Shock (IEC 68-2-27)
Half-sine pulse shape
Pulse duration : 11 ms
Peak acceleration: 981 m/s
2 = 100g
Number of shocks : 3 shocks in 3
mutually perpendicular axes.
3 directions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
TLM-T350MPV-01LCM Module Specification 1 Varitronix international limited
MDLS12433P-XXLCM Module Specification 1 Varitronix international limited
MDLS16166D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161612D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615SP-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn