Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

VL-FS-MDLS16119D-01 Datasheet(PDF) 7 Page - Varitronix international limited

No. de Pieza. VL-FS-MDLS16119D-01
Descripción  SPECIFICATION OF LCD MODULE TYPE
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VARITRONIX [Varitronix international limited]
Página de inicio  http://www.varitronix.com
Logo 

VL-FS-MDLS16119D-01 Datasheet(HTML) 7 Page - Varitronix international limited

Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VL-FS- MDLS16119D-01 REV. A
(MDLS16119D-LV-DIE IC)
OCT/2001
PAGE 7 OF 12
4.
Electrical Specifications
4.1
Interface signals
Table 4
Pin No.
Symbol
Description
1
VSS
Ground
2
VDD
Power supply for logic.
3
V0
Power supply for LCD driver.
4
RS
Register Select Input :
”High” for Data register (for read and write).
”Low” for Instruction register (for write),
Busy flag, address counter (for read).
5
R/W
Read/Write signal:
’High’ for Read mode.
’Low’ for Write mode.
6
E
Enable.
Start signal for data read /write.
7
DB0
Data input/output (LSB)
8
DB1
Data input/output
9
DB2
Data input/output
10
DB3
Data input/output
11
DB4
Data input/output
12
DB5
Data input/output
13
DB6
Data input/output
14
DB7
Data input/output (MSB)
A
LED(+)
Anode of backlight (OPTIONAL).
K
LED(-)
Cathode of backlight (OPTIONAL).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
TLM-T350MPV-01LCM Module Specification 1 Varitronix international limited
MDLS12433P-XXLCM Module Specification 1 Varitronix international limited
MDLS16166D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161612D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615SP-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn