Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

VL-FS-MDLS16119D-01 Datasheet(PDF) 9 Page - Varitronix international limited

No. de Pieza. VL-FS-MDLS16119D-01
Descripción  SPECIFICATION OF LCD MODULE TYPE
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VARITRONIX [Varitronix international limited]
Página de inicio  http://www.varitronix.com
Logo 

VL-FS-MDLS16119D-01 Datasheet(HTML) 9 Page - Varitronix international limited

 
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
VL-FS- MDLS16119D-01 REV. A
(MDLS16119D-LV-DIE IC)
OCT/2001
PAGE 9 OF 12
4.3 Timing Specifications
At Ta = 0
°°°°C to +50 °°°°C , VDD = 5V±±±±5% ,VSS = 0V.
Refer to Fig. 2 , the bus timing diagram for write mode.
Table 6
Parameter
Symbol
Min.
Max.
Unit
Remarks
Enable cycle time
tCYCE
500
-
ns
Enable ”High” level pulse width
tWHE
300
-
ns
Enable rise time
tRE
-
25
ns
Enable fall time
tFE
-
25
ns
60
-
ns
8-bit operation mode
RS, R/W set-up time
tAS
100
4-bit operation mode
RS, R/W address hold time
tAH
10
-
ns
Data output delay
tDS
100
-
ns
Data hold time
tDHR
10
-
ns
Refer to Fig. 3 , the bus timing diagram for read mode .
Table 7
Parameter
Symbol
Min.
Max.
Unit
Remarks
Enable cycle time
tCYCE
500
-
ns
Enable ”High” level pulse width
tWHE
300
-
ns
Enable rise time
tRE
-
25
ns
Enable fall time
tFE
-
25
ns
60
-
ns
8-bit operation mode
RS, R/W set-up time
tAS
100
4-bit operation mode
RS, R/W address hold time
tAH
10
-
ns
Read data output delay
tRD
-
190
ns
Read data hold time
tDHR
20
-
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
TLM-T350MPV-01LCM Module Specification 1 Varitronix international limited
MDLS12433P-XXLCM Module Specification 1 Varitronix international limited
MDLS16166D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161612D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615SP-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn