Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

VL-FS-MDLS16119D-01 Datasheet(PDF) 11 Page - Varitronix international limited

No. de Pieza. VL-FS-MDLS16119D-01
Descripción  SPECIFICATION OF LCD MODULE TYPE
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VARITRONIX [Varitronix international limited]
Página de inicio  http://www.varitronix.com
Logo 

VL-FS-MDLS16119D-01 Datasheet(HTML) 11 Page - Varitronix international limited

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
VL-FS- MDLS16119D-01 REV. A
(MDLS16119D-LV-DIE IC)
OCT/2001
PAGE 11 OF 12
4.4
Timing Diagram of VDD against
V0.
Power on sequence shall meet the requirement of Figure 4, the timing diagram of VDD against V0.
VDD
0V
0V
V0
95%
50ms(typical)
LOGIC SUPPLY
VOLTAGE
LCD SUPPLY
VOLTAGE
Figure 4: Timing diagram of VDD against V0.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
VL-FS-MDLS12433P-01SPECIFICATION OF LCD MODULE TYPE 1 2 3 4 5 MoreVaritronix international limited
TLM-T350MPV-01LCM Module Specification 1 Varitronix international limited
MDLS12433P-XXLCM Module Specification 1 Varitronix international limited
MDLS16166D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161612D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615D-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MDLS161615SP-XXSPECIFICATION OF MODULE 1 Varitronix international limited
MUBW30-06A7Converter - Brake - Inverter Module CBI2 1 2 3 4 5 MoreIXYS Corporation

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn