Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OPA2048CA Datasheet(PDF) 6 Page - OKI electronic componets

No. de pieza OPA2048CA
Descripción Electrónicos  Self-Scanning Line Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

OPA2048CA Datasheet(HTML) 6 Page - OKI electronic componets

Back Button OPA2048CA Datasheet HTML 2Page - OKI electronic componets OPA2048CA Datasheet HTML 3Page - OKI electronic componets OPA2048CA Datasheet HTML 4Page - OKI electronic componets OPA2048CA Datasheet HTML 5Page - OKI electronic componets OPA2048CA Datasheet HTML 6Page - OKI electronic componets OPA2048CA Datasheet HTML 7Page - OKI electronic componets OPA2048CA Datasheet HTML 8Page - OKI electronic componets OPA2048CA Datasheet HTML 9Page - OKI electronic componets OPA2048CA Datasheet HTML 10Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
IMAGE SENSORS
OPA2048CA
fA1 or fB2
fA2 or fB1
tBf1, 2
*3
1
2
VOG
Limited to periods during fA2 rise and fA1 fall, and fB1 rise and fB2 fall.
tSfT
tWfTtHfT
10%
90%
50%
10%
fT
trfT
tffT
f1A, 1B
*4
90%
10%
90%
10%
90%
50%
10%
tSfRtHfR
tWfR
trfR
tffR
fB2 or fA1
fA1 or fB2
*5
fR


Número de pieza similar - OPA2048CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
OPA202 TI1-OPA202 Datasheet
2Mb / 37P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
OPA202 TI1-OPA202 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
OPA202 TI1-OPA202 Datasheet
3Mb / 47P
[Old version datasheet]   OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
More results

Descripción similar - OPA2048CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
OPA256C1 OKI-OPA256C1 Datasheet
184Kb / 10P
   Self-Scanning Line Sensor
logo
Panasonic Semiconductor
MN512K PANASONIC-MN512K Datasheet
129Kb / 3P
   SELF-SCANNING 512-BIT MOS LINEAR IMAGE SENSOR
logo
ON Semiconductor
LC75700T ONSEMI-LC75700T Datasheet
359Kb / 17P
   Key Scanning IC
June 2017 - Rev. 1
logo
SHENZHEN FUMAN ELECTRON...
TC7258F FUMAN-TC7258F Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
logo
AAEON Technology
TF-PER-M08 AAEON-TF-PER-M08 Datasheet
228Kb / 1P
   Powerful Scanning Performance
logo
SHENZHEN FUMAN ELECTRON...
FM7259 FUMAN-FM7259 Datasheet
303Kb / 5P
   4-channel LED display line scanning blanking control driver chip
TC7258G FUMAN-TC7258G Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258EN FUMAN-TC7258EN Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258E FUMAN-TC7258E Datasheet
144Kb / 4P
   8-channel LED display line scanning blanking control driver chip
TC7258GN FUMAN-TC7258GN Datasheet
255Kb / 4P
   8-channel LED display line scanning blanking control driver chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com