Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD33240XD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SD33240XD
Descripción Electrónicos  SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SD33240XD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SD33240XD Datasheet HTML 2Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 3Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 4Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 5Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 6Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 7Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 8Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 9Page - List of Unclassifed Manufacturers SD33240XD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
   
2
Voice Solutions in Silicon
 "
&"!  '& &(
 ##E &(  !  ! &
  ..AAA ,& & & 4 C&+
&& & -. % C&&&  C!   &+
 &  & C  ! & & 
 & & &&C  ( & &&
& C  & &   2! &
&&C
"  '& &(
 ..AAA && E& & ! 
! ! C&&&  ! ! '%)
& & C  ! & &   2+
! & &&C   !  4+
#   4 & !  !+
 ! '%)  & C 
!  & 4+#   4+
 & ! & ! & & C
! !  &   # C+
4  % &   %  & && 
. #&  C2& "   &  
% !  &C& &&   ++
C &!     #& C +
  %  " "!
Figure 1: ISD33000 TSOP and DIP/SOIC Pinouts


Número de pieza similar - SD33240XD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
   LED drive control IC
SD3327 SHOUDING-SD3327 Datasheet
1,022Kb / 7P
   InoperatIve LED lamp touch chip
More results

Descripción similar - SD33240XD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD5008 ETC-ISD5008 Datasheet
1Mb / 47P
   SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com