Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPV7S12A61MPN Datasheet(PDF) 5 Page - ITT Industries

No. de pieza TPV7S12A61MPN
Descripción Electrónicos  1 Filter Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

TPV7S12A61MPN Datasheet(HTML) 5 Page - ITT Industries

  TPV7S12A61MPN Datasheet HTML 1Page - ITT Industries TPV7S12A61MPN Datasheet HTML 2Page - ITT Industries TPV7S12A61MPN Datasheet HTML 3Page - ITT Industries TPV7S12A61MPN Datasheet HTML 4Page - ITT Industries TPV7S12A61MPN Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.ittcannon.com
312
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors
TPV
Flange Mounting Receptacle
Jam Nut Receptacle
TPV0
TPV7
POLARIZING
GROOVE
4 HOLES
.120 DIA.
G
(TP)
POLARIZING
GROOVE
V
A
W
N THD.
F
DIA.
G
C
B
L
M
K (TP)
B
F
DIA.
J
L
M
0.005
.147 DIA. (SIZE
24 ONLY)
Shell
Size
10
12
14
16
18
20
22
24
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.462 (11.73)
.587 (14.91)
.587 (14.91)
.620 (15.75)
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.275 (32.39)
1.275 (32.39)
1.275 (32.39)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.590 (40.38)
1.590 (40.38)
1.590 (40.38)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.078 (1.98)
.110 (2.79)
.110 (2.79)
.110 (2.79)
.719 (18.26)
.812 (20.62)
.906 (23.01)
.969 (24.61)
1.062 (26.97)
1.156 (29.36)
1.250 (31.75)
1.375 (34.93)
.954 (24.23)
1.047 (26.59)
1.141 (28.98)
1.234 (31.34)
1.328 (33.73)
1.453 (36.91)
1.578 (40.08)
1.703 (43.26)
B
Max.
F
Max.
Shell
Size
10
12
14
16
18
20
22
24
.591 (15.01)
.751 (19.08)
.876 (22.25)
1.001 (25.43)
1.126 (28.60)
1.251 (31.78)
1.376 (34.95)
1.501 (38.13)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.698 (17.73)
.763 (19.38)
.763 (19.38)
.763 (19.38)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.187 (4.75)
.250 (6.35)
.250 (6.35)
.219 (5.56)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.215 (30.86)
1.275 (32.39)
1.275 (32.39)
1.275 (32.39)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.530 (38.86)
1.590 (40.39)
1.590 (40.39)
1.590 (40.39)
1.203 (30.56)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.766 (44.86)
1.954 (49.63)
2.078 (52.78)
2.203 (55.96)
11/16-24UNEF
7/8-20 UNEF
1 -20UNEF
1-1/8-18UNEF
1-1/4-18UNEF
1-3/8-18UNEF
1-1/2-18UNEF
1-5/8-18UNEF
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.113 (2.87)
.148 (3.76)
.148 (3.76)
.148 (3.76)
.892 (22.66)
1.079 (27.41)
1.205 (30.61)
1.329 (33.76)
1.455 (36.96)
1.579 (40.11)
1.705 (43.31)
1.829 (46.46)
1.078 (27.38)
1.266 (32.16)
1.391 (35.33)
1.516 (38.51)
1.641 (41.68)
1.828 (46.43)
1.954 (49.63)
2.078 (52.78)
F
Max.
B
Max.
A
Max.
V
Max.
L
Max.
G
+
_ .009 (0.23)
M
Max.
W
Dia.
N Thread
Class 2A
C
Panel
Thickness
L
Max.
M
Max.
J
Max.
K
Basic
G
Max.


Número de pieza similar - TPV7S12A61MPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV7025 ASI-TPV7025 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Wuxi Unigroup Microelec...
TPV70R110C WUMC-TPV70R110C Datasheet
772Kb / 8P
   700V Super-Junction Power MOSFET
TPV70R190C WUMC-TPV70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
More results

Descripción similar - TPV7S12A61MPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
   1 MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com