Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC1650 Datasheet(PDF) 8 Page - Motorola, Inc |
|
MC1650 Datasheet(HTML) 8 Page - Motorola, Inc |
8 / 11 page MC1650 MC1651 4–341 MOTOROLA MECL Data DL122 — Rev 6 FIGURE 5 — LOGIC THRESHOLD TESTS (WAVEFORM SEQUENCE DIAGRAM) +0.02 V –0.02 V Vin VIHA VILA C “1” “0” “1” Q “0” Q 12 3 4 Sequential Test Number (See Test Table) Differential Input Vin + – VIH Vref DQ C Q Q 50 –2.0 Vdc 1/2 Device –2.5 Vdc p Vref p +2.5 Vdc + – 0 –1.0 –2.0 –20 –15 –10 –5.0 Vref 5.0 10 15 20 Logic “1” Logic “0” Vin, DIFFERENTIAL INPUT VOLTAGE (mV) TYPICAL TRANSFER CURVES FIGURE 6 — TRANSFER CHARACTERISTICS (Q versus Vin) TEST CONFIGURATION Resolution |
Número de pieza similar - MC1650 |
|
Descripción similar - MC1650 |