Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADN2871 Datasheet(PDF) 15 Page - Analog Devices

No. de pieza ADN2871
Descripción Electrónicos  3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADN2871 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADN2871 Datasheet HTML 11Page - Analog Devices ADN2871 Datasheet HTML 12Page - Analog Devices ADN2871 Datasheet HTML 13Page - Analog Devices ADN2871 Datasheet HTML 14Page - Analog Devices ADN2871 Datasheet HTML 15Page - Analog Devices ADN2871 Datasheet HTML 16Page - Analog Devices ADN2871 Datasheet HTML 17Page - Analog Devices ADN2871 Datasheet HTML 18Page - Analog Devices ADN2871 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADN2871
Rev. 0 | Page 15 of 20
RESISTOR SETPOINT CALIBRATION
In resistor setpoint calibration. PAVREF, ERREF, and RPAV
must all be tied to VCC. The average power and extinction ratio
can be set using the PAVSET and ERSET pins, respectively. A
resistor is placed between the pin and GND to set the current
flowing in each pin as shown in Figure 30. The ADN2871
ensures that both PAVSET and ERSET are kept 1.23 V above
GND. The PAVSET and ERSET resistors are given by
SP
AV
PAVSET
R
P
R
×
=
V
2
.
1
(Ω)
MOD
ERSET
I
R
100
V
2
.
1
×
=
(Ω)
where:
RSP = is the optical responsivity (in amperes per watt).
IMOD is the modulation current required.
PAV is the average power required.
IMPD MONITORING
IMPD monitoring can be implemented for voltage setpoint and
resistor setpoint as described next.
Voltage Setpoint
In voltage setpoint calibration, two methods may be used for
IMPD monitoring.
Method 1: Measuring Voltage at RPAV
The IMPD current is equal to the voltage at RPAV divided by
the value of RPAV (see Figure 31) as long as the laser is on and
is being controlled by the control loop. This method does not
provide a valid IMPD reading when the laser is in shutdown or
fail mode. A microconverter buffered ADC input may be
connected to RPAV to make this measurement. No decoupling
or filter capacitors should be placed on the RPAV node because
this can disturb the control loop.
VCC
PHOTODIODE
ADN2871
R
1k
µC ADC
INPUT
PAVSET
RPAV
Figure 31. Single Measurement of IMPD RPAV in Voltage Setpoint Mode
Method 2: Measuring IMPD Across a Sense Resistor
The second method has the advantage of providing a valid IMPD
reading at all times, but has the disadvantage of requiring a
differential measurement across a sense resistor directly in
series with the IMPD. As shown in Figure 32, a small resistor,
Rx, is placed in series with the IMPD. If the laser used in the
design has a pinout where the monitor photodiode cathode and
the lasers anode are not connected, a sense resistor can be placed
in series with the photodiode cathode and VCC, as shown in
Figure 33. When choosing the value of the resistor, the user
must take into account the expected IMPD value in normal
operation. The resistor must be large enough to make a signifi-
cant signal for the buffered ADC to read, but small enough not
to cause a significant voltage reduction across the IMPD. The
voltage across the sense resistor should not exceed 250 mV
when the laser is in normal operation. It is recommended that a
10 pF capacitor be placed in parallel with the sense resistor.
VCC
LD
PHOTODIODE
µC ADC
DIFFERENTIAL
INPUT
200
RESISTOR
10pF
PAVSET
ADN2871
Figure 32. Differential Measurement of IMPD Across a Sense Resistor
VCC
VCC
LD
PHOTODIODE
µC ADC
INPUT
200
RESISTOR
PAVSET
ADN2871
Figure 33. Single Measurement of IMPD Across a Sense Resistor


Número de pieza similar - ADN2871

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
More results

Descripción similar - ADN2871

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com