Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS3808G01DBVT Datasheet(PDF) 8 Page - Texas Instruments |
|
|
TPS3808G01DBVT Datasheet(HTML) 8 Page - Texas Instruments |
8 / 15 page www.ti.com DEVICE OPERATION SENSE INPUT RESET OUTPUT V IN TPS3808G01 V D D SENSE GND RESET R 1 R 2 1nF V IT′ = (1 + )0.405 R 1 R 2 V OUT MANUAL RESET (MR) INPUT 2.5V T PS 380 8G 25 O M AP 1510 V DD SENSE V DDSHV 1, 3, 6, 7, 9 GND GND C T MR RESET 1M Ω RESPWRON TPS3808 SBVS050F – MAY 2004 – REVISED OCTOBER 2006 pull-up resistor from the open drain RESET to the The TPS3808 microprocessor supervisory product supply line can be used to allow the reset signal for family is designed to assert a RESET signal when the microprocessor to have a voltage higher than either the SENSE pin voltage drops below VIT or the VDD (up to 6.5V). The pull-up resistor should be no manual reset (MR) is driven low. The RESET output smaller than 10k Ω as a result of the finite impedance remains asserted for a user-adjustable time after of the RESET line. both the manual reset (MR) and SENSE voltages return above their thresholds. A broad range of voltage threshold and reset delay time adjustments are available, allowing these devices to be used in a The SENSE input provides a terminal at which any wide array of applications. Reset threshold voltages system voltage can be monitored. If the voltage on can be factory-set from 0.82V to 3.3V or from 4.4V to this pin drops below VIT, then RESET is asserted. 5.0V, while the TPS3808G01 can be set to any The comparator has a built-in hysteresis to ensure voltage above 0.405V using an external resistor smooth RESET assertions and de-assertions. It is divider. Two preset delay times are also good analog design practice to put a 1nF to 10nF user-selectable: connecting the CT pin to VDD results bypass capacitor on the SENSE input to reduce in a 300ms reset delay, while leaving the CT pin sensitivity to transients and layout parasitics. open yields a 20ms reset delay. In addition, The TPS3808G01 can be used to monitor any connecting a capacitor between CT and GND allows voltage rail down to 0.405V using the circuit shown in the designer to select any reset delay period from Figure 11. 1.25ms to 10s. A typical application of the TPS3808G25 used with the OMAP1510 processor is shown in Figure 10. The open drain RESET output is typically connected to the RESET input of a microprocessor. A pull-up resistor must be used to hold this line high when RESET is not asserted. The RESET output is undefined for voltage below 0.8V, but this is normally not a problem since most microprocessors do not function below this voltage. RESET remains high Figure 11. Using the TPS3808G01 to Monitor a (unasserted) as long as SENSE is above its User-Defined Threshold Voltage threshold (VIT) and the manual reset (MR) is logic high. If either SENSE falls below VIT or MR is driven low, RESET is asserted, driving the RESET pin to a low impedance. The manual reset (MR) input allows a processor or other logic circuits to initiate a reset. A logic low (0.3VDD) on MR causes RESET to assert. After MR returns to a logic high and SENSE is above its reset threshold, RESET is de-asserted after the user defined reset delay expires. Note that MR is internally tied to VDD using a 90kΩ resistor so this pin can be left unconnected if MR will not be used. See Figure 12 for how MR can be used to monitor multiple system voltages. Note that if the logic signal driving MR does not go fully to VDD, there will be some additional current draw into VDD as a result of Figure 10. Typical Application of the TPS3808 the internal pull-up resistor on MR. To minimize with an OMAP Processor current draw, a logic-level FET can be used as illustrated in Figure 13. Once MR is again logic high and SENSE is above VIT + VHYS (the threshold hysteresis), a delay circuit is enabled which holds RESET low for a specified reset delay period. Once the reset delay has expired, the RESET pin goes to a high impedance state. The 8 Submit Documentation Feedback |
Número de pieza similar - TPS3808G01DBVT |
|
Descripción similar - TPS3808G01DBVT |