Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HFA25TB60S Datasheet(PDF) 2 Page - International Rectifier

No. de pieza HFA25TB60S
Descripción Electrónicos  Ultrafast, Soft Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

HFA25TB60S Datasheet(HTML) 2 Page - International Rectifier

  HFA25TB60S Datasheet HTML 1Page - International Rectifier HFA25TB60S Datasheet HTML 2Page - International Rectifier HFA25TB60S Datasheet HTML 3Page - International Rectifier HFA25TB60S Datasheet HTML 4Page - International Rectifier HFA25TB60S Datasheet HTML 5Page - International Rectifier HFA25TB60S Datasheet HTML 6Page - International Rectifier HFA25TB60S Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
www.irf.com
HFA25TB60S
Bulletin PD-20616 rev. B 11/03
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
600
–––
–––
V
IR = 100µA
–––
1.3
1.7
IF = 25A
–––
1.5
2.0
V
IF = 50A
–––
1.3
1.7
IF = 25A, TJ = 125°C
–––
1.5
20
VR = VR Rated
–––
600 2000
TJ = 125°C, VR = 0.8 x VR RatedD Rated
CT
Junction Capacitance
–––
55
100
pF
VR = 200V
Measured lead to lead 5mm from
package body
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LS
Series Inductance
–––
8.0
–––
nH
See Fig. 3
See Fig. 2
See Fig. 1
VFM
Max Forward Voltage
µA
Max Reverse Leakage Current
IRM
Parameter
Min. Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
–––
23
–––
IF = 1.0A, dif/dt = 200A/µs, VR = 30V
trr1
–––
50
75
ns
TJ = 25°C
trr2
–––
105
160
TJ = 125°C
IF = 25A
IRRM1
Peak Recovery Current
–––
4.5
10
TJ = 25°C
IRRM2
–––
8.0
15
TJ = 125°C
VR = 200V
Qrr1
Reverse Recovery Charge
–––
112
375
TJ = 25°C
Qrr2
–––
420 1200
TJ = 125°C
dif/dt = 200A/µs
di(rec)M/dt1
Peak Rate of Fall of Recovery Current
–––
250
–––
TJ = 25°C
di(rec)M/dt2
During tb
–––
160
–––
TJ = 125°C
Dynamic Recovery Characteristics @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
See Fig. 5
See Fig. 7
See Fig. 8
Parameter
Min.
Typ.
Max.
Units
Tlead
Lead Temperature
––––
––––
300
°C
RthJC
Thermal Resistance, Junction to Case
––––
––––
1.0
RthJA
Thermal Resistance, Junction to Ambient
––––
––––
80
Wt
Weight
––––
2.0
––––
g
––––
0.07
––––
(oz)
Thermal - Mechanical Characteristics
K/W
0.063 in. from Case (1.6mm) for 10 sec
Typical Socket Mount
See Fig. 6


Número de pieza similar - HFA25TB60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
HFA25TB60S VISHAY-HFA25TB60S Datasheet
176Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
HFA25TB60SPBF VISHAY-HFA25TB60SPBF Datasheet
179Kb / 6P
   Ultrafast Soft Recovery Diode, 25 A
Revision: 22-Oct-08
More results

Descripción similar - HFA25TB60S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
HFA25TB60 IRF-HFA25TB60 Datasheet
263Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA80NC40C IRF-HFA80NC40C Datasheet
192Kb / 5P
   Ultrafast, Soft Recovery Diode
150EBU04 IRF-150EBU04 Datasheet
150Kb / 6P
   Ultrafast Soft Recovery Diode
80EBU04 IRF-80EBU04 Datasheet
147Kb / 7P
   Ultrafast Soft Recovery Diode
HFA120MD40C IRF-HFA120MD40C Datasheet
298Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA15TB60 IRF-HFA15TB60 Datasheet
205Kb / 6P
   Ultrafast, Soft Recovery Diode
HFA70NH60 IRF-HFA70NH60 Datasheet
325Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA45HI60C IRF-HFA45HI60C_15 Datasheet
137Kb / 3P
   Ultrafast, Soft Recovery Diode
HFB50HC20C IRF-HFB50HC20C_15 Datasheet
137Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA140NJ60D IRF-HFA140NJ60D Datasheet
319Kb / 5P
   Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com