Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFA25TB60S Datasheet(PDF) 3 Page - International Rectifier

No. de Pieza. HFA25TB60S
Descripción  Ultrafast, Soft Recovery Diode
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

HFA25TB60S Datasheet(HTML) 3 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.irf.com
HFA25TB60S
Bulletin PD-20616 rev. B 11/03
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig. 4 - Maximum Thermal Impedance Zthjc Characteristics
Fig. 2 - Typical Reverse Current vs. Reverse
Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 1 - Maximum Forward Voltage Drop
vs. Instantaneous Forward Current
1
10
100
0.6
1.0
1.4
1.8
2.2
2.6
FM
T = 150°C
T = 125°C
T = 25°C
J
J
J
A
Forward Voltage Drop - V
(V)
0.01
0.1
1
10
100
1000
10000
0
100
200
300
400
500
600
R
T = 150°C
A
T = 125°C
T = 25°C
J
J
J
Reverse Voltage - V (V)
10
100
1000
1
10
100
1000
T = 25°C
J
Reverse Voltage - V (V)
R
A
A


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn