Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPV7S24G61LPN Datasheet(PDF) 1 Page - ITT Industries

No. de pieza TPV7S24G61LPN
Descripción Electrónicos  1 Filter Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ITT [ITT Industries]
Página de inicio  http://www.ittcannon.com
Logo ITT - ITT Industries

TPV7S24G61LPN Datasheet(HTML) 1 Page - ITT Industries

  TPV7S24G61LPN Datasheet HTML 1Page - ITT Industries TPV7S24G61LPN Datasheet HTML 2Page - ITT Industries TPV7S24G61LPN Datasheet HTML 3Page - ITT Industries TPV7S24G61LPN Datasheet HTML 4Page - ITT Industries TPV7S24G61LPN Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.ittcannon.com
309
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors
TPV
How to Order - TPV
FILTER SERIES INDICATOR
T
PV
O
C
24
B
61
T
P
N
*
FILTER SERIES INDICATOR
T - Transverse monolith
C - Solder Pot Termination
E - P.C. Tail
S - Crimp Piggyback
W - Wire Wraps
See page 311
M - Mid-range frequency
L - Low frequency
T - Standard frequency
H - High frequency
P - Pin contacts
S - Socket contacts
N - (Normal); Alternates - W, X, Y, Z
See page 162.
For backshell assembly consult factory.
NOTES:
1) Backshell threads and teeh - none provided.
2) Hermetic versions of the filter connectors can be provided. Consult ITT Cannon for availability.
10, 12, 14, 16, 18, 20, 22, 24
A - Bright cadmium over nickel plate
B - Olive drab chromate over cadmium finish
G - Electorless nickel finish (preferred)
PV - MIL-C-26482 Series 2, MIL-C-83723
Series 1 type filter connectors, solder termi-
nation. ITT Cannon designation.
0 - Flange mounting receptacle
7 - Jam nut mounting receptacle
SERIES PREFIX
SERIES PREFIX
SHELL STYLE
SHELL STYLE
TERMINATION
TERMINATION
SHELL SIZE
SHELL SIZE
FINISH
FINISH
CONTACT ARRANGEMENT
CONTACT ARRANGEMENTS
CAPACITANCE INDICATOR
CAPACITANCE INDICATOR
CONTACT TYPE
CONTACT TYPE
INSERT POSITION
INSERT POSITION
MODIFICATION CODES
MODIFICATION CODES
These miniature circular filter connectors are de-
signed to combine the functions of a standard
electrical connector and a feed-thru filter into one
compact package.
intermateable with the NAS1599 and the NASA
40M39569 type connectors. These connectors fea-
ture three-point bayonet lock coupling, five keyway
polarization, and have contact arrangements that
will accommodate up to 61 contacts in shell sizes,
with both pin and socket contact versions available.
TPV filter connectors are designed to meet the
applicable
portions
of
military
specifications
MIL-C-26482 and MIL-C-83723. They are also
Note: The TPV replaces the obsolete PVJ Series


Número de pieza similar - TPV7S24G61LPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
TPV7025 MOTOROLA-TPV7025 Datasheet
79Kb / 4P
   UHF LINEAR POWER TRANSISTOR
logo
Advanced Semiconductor
TPV7025 ASI-TPV7025 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Wuxi Unigroup Microelec...
TPV70R110C WUMC-TPV70R110C Datasheet
772Kb / 8P
   700V Super-Junction Power MOSFET
TPV70R190C WUMC-TPV70R190C Datasheet
908Kb / 10P
   700V Super-Junction Power MOSFET
More results

Descripción similar - TPV7S24G61LPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
   1 MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com