Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI3A4626 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

No. de Pieza. PI3A4626
Descripción  3.0V, SOTiny Single-Supply 0.4ohm SPST (NO) CMOS Analog Switch
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI3A4626 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PI3A4626
3.0V, SOTinySingle-Supply
0.4Ω SPST (NO) CMOS Analog Switch
5
PS8714A
06/27/04
Notes:
1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet.
2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3. Guaranteed by design.
4. ΔRON = RON max. - RON min.
5. Flatness is defined as the difference between the maximum and minimum value of On-Resistance measured.
Electrical Specifications - Single +1.8V Supply
(VCC = +1.8V ± 10%, GND = 0V, VIH = 1.4V, VIL = 0.5V)
Description
Parameters
Test Conditions
Temp.(°C) Min.(1) Typ.(2) Max.(1) Units
Analog Switch
Analog Signal Range(3)
VANALOG
0
VCC
V
On-Resistance
RON
VCC = 1.8V, ICOM = –4mA,
VNO or VNC = 1.5V
25
0.4
Full
0.8
On-Resistance Match
Between Channels(4)
∆RON
VCC = 1.8V, ICOM = –4mA,
VNO or VNC = 0.8V,1.5V
25
0.05
Full
0.06
On-Resistance Flatness(5)
RFLAT(ON)
25
0.4
Full
0.6
Dynamic
Turn-On Time
tON
VCC = 1.8V, VNO or VNC =
1.5V, Figure 1
25
15
ns
Full
15
Turn-Off Time
tOFF
25
10
Full
15
Charge Injection(3)
Q
CL = 1nF, VGEN = 0V,
RGEN = 0V, Figure 2
25
29
pC
Logic Input
Input HIGH Voltage
VIH
Guaranteed logic high level
Full
1.4
V
Input LOW Voltage
VIL
Guaranteed logic Low level
Full
0.5
Input HIGH Current
IINH
VIN = 1.4V, all others = 0.5V
Full
–1
1
µA
Input HIGH Current
IINL
VIN = 0.5V, all others = 1.4V
Full
–1
1


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TC5517CP-152.048 WORD X 8 BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
Z86E22CMOS Z8 OTP MICROCONTROLLER 1 2 3 4 5 MoreZilog, Inc.
27C2101 MEG CMOS EPROM 64K X 16 1 2 3 4 5 MoreNXP Semiconductors
PEB2035ICs for Communications Advanced CMOS Frame Aligner 1 2 3 4 5 MoreSiemens Semiconductor Group
PI49FCT805TFast CMOS Buffer/Clock Driver 1 2 3 4 5 MorePericom Semiconductor Corporation
AD8153Single Buffered Switch 3.2 Gbps 1 2 3 4 5 MoreAnalog Devices
PE42612SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.
AD81974:1 HDMI/DVI Switch with Equalization 1 2 3 4 5 MoreAnalog Devices

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn