Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

HFA320NJ40D Datasheet(PDF) 2 Page - International Rectifier

No. de Pieza. HFA320NJ40D
Descripción  Ultrafast, Soft Recovery Diode
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

HFA320NJ40D Datasheet(HTML) 2 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA320NJ40D
2
PD-2.513 rev. A 02/99
63.50 (2.500)
60.96 (2.400)
23.55 (0.927)
20.42 (0.804)
14.99 (0.590)
15.75 (0.620)
20.32 (0.800)
17.78 (0.700)
39.75 (1.565)
40.26 (1.585)
80.01 (3.150)
34.925 (1.375)
3.35 (0.132)
3.02 (0.119)
90.17 (3.550)
92.71 (3.650)
DIA.
7.49 (0.295)
6.99 (0.275)
(2 PLCS.)
10.41 (0.410)
9.65 (0.380)
DIA.
DIA.
4.70 (0.185)
4.95 (0.195)
1/4-20 SLOTTED HEX
REF.
Dimensions in Millimeters and (Inches)
CONFORMS TO JEDEC
OUTLINE TO-244AB
1
2
3
LEAD ASSIGNMENTS
1 - ANODE
2 - CATHODE
3 - ANODE
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
400 ––– –––
V
IR = 100µA
VFM
Max Forward Voltage
––– 1.10 1.35
IF = 160A
––– 1.30 1.55
V
IF = 320A
See Fig. 1
––– 1.00 1.20
IF = 160A, TJ = 125°C
IRM
Max Reverse Leakage Current
––– 2.0
12
µA
VR = VR Rated
––– 3.0
16
mA
TJ = 125°C, VR = 320V
CT
Junction Capacitance
––– 370 500
pF
VR = 200V
See Fig. 3
From top of terminal hole to mounting
plane
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
LS
Series Inductance
–––
5.0 –––
nH
See Fig. 2
Parameter
Min. Typ. Max. Units
Test Conditions
trr
Reverse Recovery Time
–––
45
–––
IF = 1.0A, dif /dt = 200A/µs, VR = 30V
trr1
–––
90
140
ns
TJ = 25°C See Fig.
trr2
––– 290 440
TJ = 125°C
5
IF = 160A
IRRM1
Peak Recovery Current
––– 8.7
20
TJ = 25°C See Fig.
IRRM2
–––
18
30
TJ = 125°C
6
VR = 200V
Qrr1
Reverse Recovery Charge
––– 420 1100
TJ = 25°C See Fig.
Qrr2
––– 2600 7000
TJ = 125°C
7
dif /dt = 200A/µs
di(rec)M/dt1 Peak Rate of Fall of Recovery Current
––– 300 –––
TJ = 25°C See Fig.
di(rec)M/dt2 During tb
––– 280 –––
TJ = 125°C
8


Html Pages

1  2  3  4  5