Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC1451A-E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza MC1451A-E
Descripción Electrónicos  Advanced Step Motor Control Chipset
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MC1451A-E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MC1451A-E Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1451A-E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
5
Absolute Maximum Ratings
Unless otherwise stated, all electrical specifications are for both
the I/O and CP chips.
Storage Temperature, Ts .................... -55 deg. C to +150 deg. C
Supply Voltage, Vcc ............................ -0.3 V to +7.0 V
Power Dissipation, Pd ......................... 650 mW (I/O and CP
combined)
Operating Ratings
Operating Temperature, Ta .................0 deg. C to +70 deg. C*
Nominal Clock Frequency, Fclk ...........25.0 Mhz
Supply Voltage, Vcc.............................4.75 V to 5.25 V
* Industrial and Military operating ranges also available. Contact your
PMD representative for more information.
DC Electrical Characteristics
(Vcc and Ta per operating ratings, Fclk = 25.0 Mhz)
Symbol
Parameter
Min.
Max.
Units
Conditions
Vcc
Supply Voltage
4.75
5.25
V
Idd
Supply Current
100
mA
open outputs
Input Voltages
Vih
Logic 1 input voltage
2.0
Vcc + 0.3
V
Vil
Logic 0 input voltage
-0.3
0.8
V
Vihclk
Logic 1 voltage for clock pin
(ClkIn)
3.0
Vcc+0.3
V
Vihreset
Logic 1 voltage for reset pin
(reset)
4.0
Vcc+0.3
V
Output Voltages
Voh
Logic 1 Output Voltage
2.4
V
@CP Io = 300 uA
@I/O Io = 4 mA
Vol
Logic 0 Output Voltage
0.33
V
@CP Io = 2 mA
@I/O Io = 4 mA
Iout
Tri-State output leakage current
-20
20
uA
0 < Vout < Vcc
Iin
Input current
-50
50
uA
0 < Vi < Vcc
Iinclk
Input current ClkIn
-20
20
uA
0 < Vi < Vcc
AC Electrical Characteristics
(see reference timing diagrams)
(Vcc and Ta per operating ratings; Fclk = 25.0 Mhz)
(~ character indicates active low signal)
Timing Interval
T#
Min.
Max.
Units
Encoder and Index Pulse Timing
Motor-Phase Pulse Width
T1
1.6
uS
Dwell Time Per State
T2
0.8
uS
Index Pulse Setup and Hold
(relative to Quad A and Quad B low)
T3
0
uS
Reset Timing
Stable Power to Reset
0.25
Sec
Reset Low Pulse Width
1.0
uS
Clock Timing
Clock Frequency (Fclk)
6.7
25.6
Mhz
Clock Pulse Width
T4
19.5
75 (note 2)
nS
Clock Period
T5
39
149 (note 2)
nS


Número de pieza similar - MC1451A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC1451A-E ETC-MC1451A-E Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
More results

Descripción similar - MC1451A-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MC1231A ETC-MC1231A Datasheet
474Kb / 70P
   Advanced Brushless Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Winbond
W83194BR-63S WINBOND-W83194BR-63S Datasheet
237Kb / 16P
   STEP-LESS CLOCK FOR SIS CHIPSET
logo
List of Unclassifed Man...
P-NUCLEO-IHM001 ETC2-P-NUCLEO-IHM001 Datasheet
633Kb / 4P
   STM32 Nucleo Pack FOC and 6-step motor control platform
logo
ON Semiconductor
LV8728MR ONSEMI-LV8728MR Datasheet
814Kb / 23P
   Stepper Motor Driver, PWM, Constant-Current Control,1/128 step
June 2016 - Rev. 1
logo
List of Unclassifed Man...
ST-57BYGH ETC2-ST-57BYGH Datasheet
43Kb / 2P
   1.8째HYBRID STEP MOTOR
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
logo
STMicroelectronics
STSPIN820 STMICROELECTRONICS-STSPIN820 Datasheet
585Kb / 29P
   Advanced 256 microsteps integrated motor driver with step-clock and direction interface
December 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com