Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MKP479 Datasheet(PDF) 10 Page - Vishay Siliconix

No. de pieza MKP479
Descripción Electrónicos  AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP479 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button MKP479 Datasheet HTML 6Page - Vishay Siliconix MKP479 Datasheet HTML 7Page - Vishay Siliconix MKP479 Datasheet HTML 8Page - Vishay Siliconix MKP479 Datasheet HTML 9Page - Vishay Siliconix MKP479 Datasheet HTML 10Page - Vishay Siliconix MKP479 Datasheet HTML 11Page - Vishay Siliconix MKP479 Datasheet HTML 12Page - Vishay Siliconix MKP479 Datasheet HTML 13Page - Vishay Siliconix MKP479 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Document Number: 28123
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
187
MKP 479
AC and Pulse Polypropylene
Film Capacitors MKP Radial Epoxy
Lacquered Type
Vishay BCcomponents
URdc = 400 V; URac = 200 V; Up-p = 560 V (lock lead)
0.091
7.0
× 16.0 (17.5) × 18.5
1.4
52913
1250
56913
700
800
0.1
52104
56104
0.11
52114
56114
0.12
52124
56124
0.13
7.5
× 16.5 (18.0) × 18.5
1.5
52134
1250
56134
650
800
0.15
52154
56154
0.16
8.0
× 17.0 (18.5) × 18.5
1.6
52164
1250
56164
600
700
0.18
8.5
× 17.5 (19.0) × 18.5
1.7
52184
1000
56184
550
700
0.2
52204
56204
0.22
9.0
× 18.0 (19.5) × 18.5
1.8
52224
1000
56224
550
600
Pitch = 22.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch = 7.5 mm (bent back)
pitch = 22.5 mm
0.24
6.5
× 19.5 × 26.0
1.7
52244
750
600
0.27
7.0
× 20.0 × 26.0
1.8
52274
650
550
0.3
7.5
× 20.5 × 26.0
1.9
52304
600
500
0.33
52334
0.36
8.0
× 21.0 × 26.0
2.0
52364
550
500
0.39
8.5
× 21.5 × 26.0
2.1
52394
500
450
0.43
52434
0.47
9.0
× 22.0 × 26.0
2.4
52474
450
450
0.51
9.5
× 22.5 × 26.0
2.5
52514
450
400
0.56
10.0
× 23.0 × 26.0
2.6
52564
400
400
0.62
10.5
× 23.5 × 26.0
2.7
52624
350
350
Pitch = 27.5 ± 0.4 mm; dt = 0.80 ± 0.08 mm
pitch = 7.5 mm (bent back)
pitch = 27.5 mm
0.68
10.0
× 23.0 × 30.0
5.0
52684
450
0.75
10.5
× 23.5 × 30.0
5.0
52754
450
0.82
11.0
× 24.0 × 30.0
5.5
52824
400
0.91
11.5
× 24.5 × 30.0
5.5
52914
400
1.0
12.0
× 25.0 × 30.0
6.0
52105
350
1.1
12.5
× 25.5 × 30.0
6.5
52115
350
1.2
13.0
× 26.0 × 30.0
6.5
52125
300
C
(µF)
DIMENSIONS
wmax
× hmax × lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 479 ..... AND PACKAGING
LOOSE IN BOX
lt
= 4.0 + 1.0/− 0.5 mm
C-tol = ± 5 %
last 5 digits of catalog number
SPQ
Pitch = 10.0 ± 1.0 mm; dt = 0.60 ± 0.06 mm
0.022
6.0
× 18.0 × 12.5
0.9
90153
1400
0.024
90154
0.027
90155
0.03
90156
0.033
90157
C
(µF)
DIMENSIONS
wmax
× h(h’)max × lma
x
(mm)
MASS
(g)
CATALOG NUMBER 2222 479 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
all leads
pitch 7.5 mm (bent back)
original pitch
C-tol = ± 5 %
C-tol = ± 5 %
last 5 digits of
catalog number
SPQ
last 5 digits of
catalog number
SPQ
SPQ


Número de pieza similar - MKP479

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
MKP416 ETC1-MKP416 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
logo
Vishay Siliconix
MKP416 VISHAY-MKP416 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
logo
List of Unclassifed Man...
MKP417 ETC1-MKP417 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
logo
Vishay Siliconix
MKP417 VISHAY-MKP417 Datasheet
346Kb / 12P
   Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
logo
List of Unclassifed Man...
MKP418 ETC1-MKP418 Datasheet
1Mb / 40P
   Metallized polypropylene filter capacitors
More results

Descripción similar - MKP479

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
KP375 VISHAY-KP375 Datasheet
223Kb / 24P
   AC and Pulse Polypropylene Film Capacitors KP/MKP Radial Epoxy Lacquered Type
Revision: 30-Nov-05
KP374 VISHAY-KP374 Datasheet
121Kb / 8P
   AC and Pulse Polypropylene Film Foil Capacitors KP Radial Epoxy Lacquered Type
Revision: 26-Jul-06
MMKP483 VISHAY-MMKP483 Datasheet
216Kb / 21P
   AC and Pulse Double Metallized Polypropylene Film Capacitors MMKP Radial Epoxy Lacquered Type
01-Sep-03
MKP378 VISHAY-MKP378 Datasheet
115Kb / 9P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP/MKP Radial Potted Type
Revision: 21-Nov-05
MKP385 VISHAY-MKP385_08 Datasheet
136Kb / 15P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 13-Oct-08
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
MKP385 VISHAY-MKP385_15 Datasheet
181Kb / 18P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 03-Jun-15
MKP379 VISHAY-MKP379 Datasheet
142Kb / 12P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 10-Sep-03
MKP380 VISHAY-MKP380 Datasheet
244Kb / 8P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
1840310-4 VISHAY-1840310-4 Datasheet
86Kb / 4P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 30-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com