Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CX0805MRNP00BB0 Datasheet(PDF) 8 Page - Continental Device India Limited |
|
CX0805MRNP00BB0 Datasheet(HTML) 8 Page - Continental Device India Limited |
8 / 16 page Phycomp Product specification Surface-mount ceramic EMI filter capacitors X2Y® Series 2006 Nov.21 V.11 8 www.yageo.com SELECTION CHART FOR X7R SIZES 1210, 1410 (1) Y-CAPACITOR X-CAPACITOR SIZE CAP. (nF) VOLTAGE RATING (V) CAP. (nF) VOLTAGE RATING (V) THICKNESS (mm) CTC ORDERING CODE (2) (3) 47 100 24 200 1.20 CX 1210 MK X7R 0BB 473 100 50 / 63 50 100 1.20 CX 1210 MK X7R 9BB 104 220 50 / 63 110 1210 100 1.60 CX 1210 MK X7R 9BB 224 470 25 235 50 1.60 CX 1210 MK X7R 8BB 474 560 25 280 50 1.90 CX 1210 MK X7R 8BB 564 820 16 410 32 1.60 CX 1210 MK X7R 7BB 824 1,000 16 500 32 1.60 CX 1210 MK X7R 7BB 105 1410 390 50 195 100 1.30 CX 1410 MK X7R 9BB 394 Notes 1. Other values available on request. 2. Ordering codes for preferred versions ( ±20% tolerance, 180 mm reel). For other packing and tolerance see section “Ordering Code Information”. 3. For 12NC ordering codes see Table 2. Thickness classification and packing quantities for X7R QUANTITY PER REEL 8 mm TAPE WIDTH ∅180 mm; 7" THICKNESS CLASSIFICATION (mm) PAPER BLISTER 0.6 ±0.1 4,000 − 0.85 ±0.1 4,000 − 1.2 ±0.15 − 2,500 1.6 ±0.15 − 2,500 1.9 ±0.2 − 2,500 |
Número de pieza similar - CX0805MRNP00BB0 |
|
Descripción similar - CX0805MRNP00BB0 |