Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 26 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 26 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 22Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 23Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 24Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 25Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 26Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 27Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 28Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 29Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 30Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 296 page
background image
General Description
Data Sheet
MC68HC08AS32A — Rev. 1
26
General Description
MOTOROLA
(SPI), and two of its pins with the serial communication interface module (SCI).
(See Section 13. Serial Communications Interface (SCI), Section 15. Serial
Peripheral Interface (SPI), Section 16. Timer Interface (TIM), and Section 12.
Input/Output (I/O) Ports.)
1.4.14 Port F I/O Pins (PTF3/TCH5–PTF0/TCH2)
Port F is a 4-bit special function port that shares all of its pins with the timer
interface module (TIM). (See Section 16. Timer Interface (TIM) and Section 12.
Input/Output (I/O) Ports.)
1.4.15 J1850 Transmit Pin Digital (BDTxD)
BDTxD is a serial digital output data physical interface to the J1850. (See
Section 4. Byte Data Link Controller-Digital (BDLC-D).)
1.4.16 J1850 Receive Pin Digital (BDRxD)
BDRxD is a serial digital input data physical interface from the J1850. (See
Section 4. Byte Data Link Controller-Digital (BDLC-D).)
Table 1-1. External Pins Summary
Pin Name
Function
Driver Type
Hysteresis
Reset State
PTA7–PTA0
General-purpose I/O
Dual state
No
Input, Hi-Z
PTB7/ATD7–
PTB0/ATD0
General-purpose I/O
ADC channel
Dual state
No
Input, Hi-Z
PTC4–PTC3
General-purpose I/O
Dual state
No
Input, Hi-Z
PTC2/MCLK
General-purpose I/O,
bus clock output
Dual state
No
Input, Hi-Z
PTC1–PTC0
General-purpose I/O
Dual state
No
Input, Hi-Z
PTD6/ATD14/TCLK
General-purpose I/O
ADC channel/timer external
input clock
Dual state
No
Input, Hi-Z
PTD5/ATD13–
PTD0/ATD8
General-purpose/O
ADC channel
Dual state
No
Input, Hi-Z
PTE7/SPSCK
General-purpose I/O
SPI clock
Dual state
Open drain
Yes
Input, Hi-Z
PTE6/MOSI
General-purpose I/O
SPI data path
Dual state
Open drain
Yes
Input, Hi-Z
PTE5/MISO
General-purpose I/O
SPI data path
Dual state
Open drain
Yes
Input, Hi-Z
Continued on next page
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn