Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 27 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 27 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 27 / 296 page
background image
General Description
Pin Assignments
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
General Description
27
PTE4/SS
General-purpose I/O
SPI slave select
Dual state
Yes
Input, Hi-Z
PTE3/TCH1
General-purpose I/O
timer channel 1
Dual state
Yes
Input, Hi-Z
PTE2/TCH0
General-purpose I/O
timer channel 0
Dual state
Yes
Input, Hi-Z
PTE1/RxD
General-purpose I/O
SCI receive data
Dual state
Yes
Input, Hi-Z
PTE0/TxD
General-purpose I/O
SCI transmit data
Dual state
Yes
Input, Hi-Z
PTF3/TCH5
General-purpose I/O
timer channel 5
Dual state
Yes
Input, Hi-Z
PTF2/TCH4
General-purpose I/O
timer channel 4
Dual state
Yes
Input, Hi-Z
PTF1/TCH3
General-purpose I/O
timer channel 3
Dual state
Yes
Input, Hi-Z
PTF0/TCH2
General-purpose I/O
timer channel 2
Dual state
Yes
Input, Hi-Z
VDD
Chip power supply
N/A
N/A
N/A
VSS
Chip ground
N/A
N/A
N/A
VDDA/VDDAREF
Analog power supply
(CGM and ADC)
N/A
N/A
N/A
VSSA/VREFL
Analog ground
A/D reference voltage
N/A
N/A
N/A
VREFH
A/D reference voltage
N/A
N/A
N/A
OSC1
External clock in
N/A
N/A
Input, Hi-Z
OSC2
External clock out
N/A
N/A
Output
CGMXFC
PLL loop filter cap
N/A
N/A
N/A
IRQ
External interrupt request
N/A
N/A
Input, Hi-Z
RST
Reset
N/A
N/A
Output low
BDRxD
BDLC-D serial input
N/A
No
Input, Hi-Z
BDTxD
BDLC-D serial output
Output
No
Output low
Table 1-1. External Pins Summary (Continued)
Pin Name
Function
Driver Type
Hysteresis
Reset State
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn