Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 29 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 29 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 25Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 26Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 27Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 28Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 29Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 30Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 31Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 32Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 33Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 296 page
background image
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Memory
29
Data Sheet — MC68HC08AS32A
Section 2. Memory
2.1 Introduction
The CPU08 can address 64 Kbytes of memory space. The memory map, shown in
Figure 2-1, includes:
32,256 bytes of user ROM
1024 bytes of RAM
512 bytes of EEPROM
38 bytes of user-defined vectors
224 bytes of monitor ROM
These definitions apply to the memory map representation of reserved and
unimplemented locations.
Reserved — Accessing a reserved location can have unpredictable effects
on MCU operation.
Unimplemented — Accessing an unimplemented location causes an illegal
address reset if illegal address resets are enabled.
2.2 Input/Output (I/O) Section
Addresses $0000–$003F, shown in Figure 2-2, contain most of the control, status,
and data registers. Additional I/O registers have these addresses:
$FE00, SIM break status register, SBSR
$FE01, SIM reset status register, SRSR
$FE03, SIM break flag control register, SBFCR
$FE0C and $FE0D, break address registers, BRKH and BRKL
$FE0E, break status and control register, BRKSCR
$FE0F, LVI status register, LVISR
$FE1C, EEPROM non-volatile register, EENVR
$FE1D, EEPROM control register, EECR
$FE1F, EEPROM array configuration register, EEACR
$FFFF, COP control register, COPCTL
Table 2-1 is a list of vector locations.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn