Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 40 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 40 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 36Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 37Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 38Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 39Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 40Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 41Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 42Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 43Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 44Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 296 page
background image
Memory
Data Sheet
MC68HC08AS32A — Rev. 1
40
Memory
MOTOROLA
2.3 Random-Access Memory (RAM)
Addresses $0050–$044F are RAM locations. The location of the stack RAM is
programmable. The 16-bit stack pointer allows the stack to be anywhere in the
1024-byte memory space.
NOTE:
For correct operation, the stack pointer must point only to RAM locations.
Within page zero are 176 bytes of RAM. Because the location of the stack RAM is
programmable, all page zero RAM locations can be used for input/output (I/O)
control and user data or code. When the stack pointer is moved from its reset
location at $00FF, direct addressing mode instructions can access all page zero
RAM locations efficiently. Page zero RAM, therefore, provides ideal locations for
frequently accessed global variables.
Before processing an interrupt, the CPU uses five bytes of the stack to save the
contents of the CPU registers.
NOTE:
For M68HC05, M6805, and M146805 compatibility, the H register is not stacked.
During a subroutine call, the CPU uses two bytes of the stack to store the return
address. The stack pointer decrements during pushes and increments during pulls.
NOTE:
Be careful when using nested subroutines. The CPU could overwrite data in the
RAM during a subroutine or during the interrupt stacking operation.
2.4 Read-Only Memory (ROM)
The user ROM consists of 32,256 bytes of ROM from addresses $8000–$FDFF.
The monitor ROM and vectors are located from $FE20–$FEFF. See Figure 2-1.
Thirty-six of the user vectors, $FFDC–$FFFF, are dedicated to user-defined reset
and interrupt vectors.
Security has been incorporated into the MC68HC08AS32A to prevent external
viewing of the ROM contents. This feature ensures that customer-developed
software remains proprietary.
2.5 Electrically Erasable Programmable ROM (EEPROM)
This subsection describes the 512 bytes of electrically erasable programmable
read-only memory (EEPROM) residing at address range $0800 to $09FF.
See Figure 2-1.
EEPROM features include:
512 bytes non-volatile memory
Byte, block, or bulk erasable
Non-volatile EEPROM configuration and block protection options
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn