Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 46 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 42Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 43Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 44Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 45Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 46Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 47Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 48Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 49Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 296 page
background image
Memory
Data Sheet
MC68HC08AS32A — Rev. 1
46
Memory
MOTOROLA
different. For forward compatibility, software should not make any dependency on
this delay time.
E. Any attempt to clear both EEPGM and EELAT bits with a single instruction will
only clear EEPGM. This is to allow time for the completion of the on-board
programming sequence and removal of high voltage from the EEPROM array.
F. It is proper to disable interrupts prior to performing an erase cycle. If the cycle is
interrupted, any/all data in the array could be erased.
2.5.2 EEPROM Register Descriptions
Four I/O registers and three non-volatile registers control program, erase, and
options of the EEPROM array.
2.5.2.1 EEPROM Control Register
This read/write register controls programming/erasing of the array.
Bit 7 — Unused Bit
This read/write bit is software programmable but has no functionality.
EEOFF — EEPROM Power Down
This read/write bit disables the EEPROM module for lower power consumption.
Any attempts to access the array will give unpredictable results. Reset clears
this bit.
1 = Disable EEPROM array
0 = Enable EEPROM array
EERAS1 and EERAS0 — Erase/Program Mode Select Bits
These read/write bits set the programming/erasing modes. Reset clears these
bits.
NOTE:
Modifying these bits during a program/erase cycle may result in the loss of any/all
data in the array.
Address: $FE1D
Bit 7
654321
Bit 0
Read:
UNUSED
0
EEOFF
EERAS1
EERAS0
EELAT
AUTO
EEPGM
Write:
Reset:
00000000
= Unimplemented
Figure 2-3. EEPROM Control Register (EECR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn