Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 47 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 47 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 47 / 296 page
background image
Memory
Electrically Erasable Programmable ROM (EEPROM)
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Memory
47
EELAT — EEPROM Latch Control
This read/write bit latches the address and data buses for programming the
EEPROM array. EELAT cannot be cleared if EEPGM is still set. Reset clears
this bit.
1 = Buses configured for EEPROM programming
0 = Buses configured for normal read operation
AUTO — Automatic Termination of Program/Erase Cycle
When AUTO is set, EEPGM is cleared automatically after the program/erase
cycle is terminated by the state machine.
See note D for 2.5.1.7 EEPROM Programming and 2.5.1.8 EEPROM Erasing.
1 = Automatic clear of EEPGM is enabled
0 = Automatic clear of EEPGM is disabled
EEPGM — EEPROM Program/Erase Enable
This read/write bit initiates the program/erase state machine which applies the
programming/erasing voltage to the EEPROM array if the EELAT bit is set and
a write to a valid EEPROM location has occurred. Once a program/erase
sequence has been initiated, writing a 0 to EEPGM has no effect. The state
machine sequence must complete before the program/erase voltage is
removed from the array. The state machine will clear the EEPGM bit when the
program/erase sequence is completed in AUTO mode. In standard mode, the
EEPGM bit must be cleared to complete the sequence. Reset clears the
EEPGM bit and resets the program/erase state machine.
1 = EEPROM program/erase state machine initiated and EEPROM
programming/erasing power switched on
0 = No effect
NOTE:
Writing logic 0s to both the EELAT and EEPGM bits with a single instruction will
clear only EEPGM. A subsequent write of logic 0 to EELAT must be performed to
clear the bit. Both bits must be cleared to perform subsequent program/erase
cycles.
Table 2-4. EEPROM Program/Erase Mode Select
EEBPx
EERAS1
EERAS0
Mode
000
Byte program
0
0
1
Byte erase
0
1
0
Block erase
0
1
1
Bulk erase
1
X
X
No erase/program
X = don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn