Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 48 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 48 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 44Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 45Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 46Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 47Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 48Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 49Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 50Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 51Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 296 page
background image
Memory
Data Sheet
MC68HC08AS32A — Rev. 1
48
Memory
MOTOROLA
2.5.2.2 EEPROM Array Configuration Register
The EEPROM array configuration register configures EEPROM security and
EEPROM block protection. This read-only register is loaded with the contents of
the EDEPROM non-volatile register (EENVR) after a reset.
Bits 7:5 — Unused Bits
These read/write bits are software programmable but have no functionality.
EEPRTCT — EEPROM Protection Bit
The EEPRTCT bit is used to enable the security feature in the EEPROM (see
2.5.1.3 EEPROM Program/Erase Protection).
1 = EEPROM security disabled
0 = EEPROM security enabled
NOTE:
This feature is a write-once feature. Once the protection is enabled it may not be
disabled.
EEEBP[3:0] — EEPROM Block Protection Bits
These bits prevent blocks of EEPROM array from being programmed or erased.
1 = EEPROM array block is protected
0 = EEPROM army block is unprotected
Address: $FE1F
Bit 7
6
5
4
3
2
1
Bit 0
Read:
UNUSED
UNUSED
UNUSED
EEPRTCT
EEBP3
EEBP2
EEBP1
EEBP0
Write:
Reset:
Contents of EENVR ($FE1C)
= Unimplemented
Figure 2-4. EEPROM Array Configuration Register (EEACR)
Block Number (EEBPx)
Address Range
EEBP0
$0800—$087F
EEBP1
$0880–$08FF
EEBP2
$0900–$097F
EEBP3
$0980–$09FF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn