Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 49 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 49 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 49 / 296 page
background image
Memory
Electrically Erasable Programmable ROM (EEPROM)
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Memory
49
2.5.2.3 EEPROM Non-Volatile Register
The contents of this register is loaded into the EEPROM array configuration
register (EEACR) after a reset.
This register is erased and programmed in the same way as an EEPROM byte.
See 2.5.2.1 EEPROM Control Register for individual bit descriptions.
NOTE:
The EENVR will leave the factory programmed with $F0 such that the full array is
available and unprotected.
Table 2-5. EEPROM Block Protect and Security Summary
Address
Range
EEBPx
EEPRTCT = 1
EEPRTCT = 0
$0800—$087F
EEBP0 = 0
Byte programming available
Bulk, block, and byte
erasing available
Byte programming available
Only byte erasing available
EEBP0 = 1
Protected
Protected
$0880–$08EF
EEBP1 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP1 = 1
Protected
Protected
$08F0—$08FF
EEBP1 = 0
Byte programming available
Bulk, block, and byte erasing
available
Secured
(no programming or erasing)
EEBP1 = 1
Protected
$0900–$097F
EEBP2 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP2 = 1
Protected
Protected
$0980–$09FF
EEBP3 = 0
Byte programming available
Bulk, block, and byte erasing
available
Byte programming available
Only byte erasing available
EEBP3 = 1
Protected
Protected
Address: $FE1C
Bit 7
6
5
4
3
2
1
Bit 0
Read:
UNUSED
UNUSED
UNUSED
EEPRTCT
EEBP3
EEBP2
EEBP1
EEBP0
Write:
Reset:
Programmed value or 1 in the erased state
Figure 2-5. EEPROM Non-Volatile Register (EENVR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn