Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 52 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 52 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 48Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 49Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 50Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 51Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 52Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 53Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 54Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 55Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 56Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 296 page
background image
Memory
Data Sheet
MC68HC08AS32A ? Rev. 1
52
Memory
MOTOROLA
2.5.3 Low-Power Modes
The WAIT and STOP instructions can put the MCU in low power- consumption
standby modes.
2.5.3.1 Wait Mode
The WAIT instruction does not affect the EEPROM. It is possible to start the
program or erase sequence on the EEPROM and put the MCU in wait mode.
2.5.3.2 Stop Mode
The STOP instruction reduces the EEPROM power consumption to a minimum.
The STOP instruction should not be executed while a programming or erasing
sequence is in progress.
If stop mode is entered while EELAT and EEPGM are set, the programming
sequence will be stopped and the programming voltage to the EEPROM array
removed.The programming sequence will be restarted after leaving stop mode;
access to the EEPROM is only possible after the programming sequence has
completed.
If stop mode is entered while EELAT and EEPGM is cleared, the programming
sequence will be terminated abruptly.
In either case, the data integrity of the EEPROM is not guaranteed.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contctenos   |   Poltica de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn