Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 61 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 61 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 61 / 296 page
background image
Analog-to-Digital Converter (ADC)
I/O Registers
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Analog-to-Digital Converter (ADC)
61
ADICLK — ADC Input Clock Register Bit
ADICLK selects either bus clock or CGMXCLK as the input clock source to
generate the internal ADC clock. Reset selects CGMXCLK as the ADC clock
source.
If the external clock (CGMXCLK) is equal to or greater than 1 MHz, CGMXCLK
can be used as the clock source for the ADC. If CGMXCLK is less than 1 MHz,
use the PLL-generated bus clock as the clock source. As long as the internal
ADC clock is at approximately 1 MHz, correct operation can be guaranteed.
(See 18.7 ADC Characteristics.)
1 = Internal bus clock
0 = External clock (CGMXCLK)
NOTE:
During the conversion process, changing the ADC clock will result in an incorrect
conversion.
fXCLK or Bus Frequency
1 MHz =

ADIV[2:0]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn