Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 65 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 65 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 61Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 62Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 63Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 64Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 65Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 66Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 67Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 68Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 69Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Functional Description
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Byte Data Link Controller-Digital (BDLC-D)
65
Use of the BDLC module in message networking fully implements the SAE
Standard J1850 Class B Data Communication Network Interface specification.
NOTE:
It is recommended that the reader be familiar with the SAE J1850 document and
ISO Serial Communication document prior to proceeding with this section of the
MC68HC08AS32A specification.
Figure 4-2. BDLC Block Diagram
CPU INTERFACE
TO J1850 BUS
MUX INTERFACE
PROTOCOL HANDLER
PHYSICAL INTERFACE
TO CPU
BDLC
Addr.
Register Name
Bit 7
6
5
4
3
2
1
Bit 0
$003B
BDLC Analog and Roundtrip
Delay Register (BARD)
See page 84.
Read:
ATE
RXPOL
00
BO3
BO2
BO1
BO0
Write:
R
R
Reset:
1
1
0
0
0
1
1
1
$003C
BDLC Control Register 1
(BCR1)
See page 86.
Read:
IMSG
CLKS
R1
R0
00
IE
WCM
Write:
R
R
Reset:
1
1
1
0
0
0
0
0
$003D
BDLC Control Register 2
(BCR2)
See page 88.
Read:
ALOOP
DLOOP
RX4XE
NBFS
TEOD
TSIFR
TMIFR1
TMIFR0
Write:
Reset:
1
1
0
0
0
0
0
0
$003E
BDLC State Vector Register
(BSVR)
See page 93.
Read:
0
0
I3
I2
I1
I0
0
0
Write:
R
R
R
R
RRR
R
Reset:
0
0
0
0
0
0
0
0
$003F
BDLC Data Register
(BDR)
See page 95.
Read:
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
Write:
Reset:
Unaffected by reset
R= Reserved
Figure 4-3. BDLC I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn