Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 70 Page - Motorola, Inc

No. de pieza MC68HC08AS32A
Descripción Electrónicos  Microcontrollers
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 70 Page - Motorola, Inc

Back Button MC68HC08AS32A Datasheet HTML 66Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 67Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 68Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 69Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 70Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 71Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 72Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 73Page - Motorola, Inc MC68HC08AS32A Datasheet HTML 74Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Data Sheet
MC68HC08AS32A — Rev. 1
70
Byte Data Link Controller-Digital (BDLC-D)
MOTOROLA
4.4.1.2 Performance
The performance of the digital filter is best described in the time domain rather than
the frequency domain.
If the signal on the BDRxD signal transitions, then there will be a delay before that
transition appears at the filtered Rx data output signal. This delay will be between
15 and 16 clock periods, depending on where the transition occurs with respect to
the sampling points. This filter delay must be taken into account when performing
message arbitration.
For example, if the frequency of the MUX interface clock (fBDLC) is 1.0486 MHz,
then the period (tBDLC) is 954 ns and the maximum filter delay in the absence of
noise will be 15.259
µs.
The effect of random noise on the BDRxD signal depends on the characteristics of
the noise itself. Narrow noise pulses on the BDRxD signal will be ignored
completely if they are shorter than the filter delay. This provides a degree of low
pass filtering.
If noise occurs during a symbol transition, the detection of that transition can be
delayed by an amount equal to the length of the noise burst. This is just a reflection
of the uncertainty of where the transition is truly occurring within the noise.
Noise pulses that are wider than the filter delay, but narrower than the shortest
allowable symbol length, will be detected by the next stage of the BDLC’s receiver
as an invalid symbol.
Noise pulses that are longer than the shortest allowable symbol length will be
detected normally as an invalid symbol or as invalid data when the frame’s CRC is
checked.
4.4.2 J1850 Frame Format
All messages transmitted on the J1850 bus are structured using the format shown
in Figure 4-7.
J1850 states that each message has a maximum length of 101 PWM bit times or
12 VPW bytes, excluding SOF, EOD, NB, and EOF, with each byte transmitted
MSB first.
All VPW symbol lengths in the following descriptions are typical values at a 10.4
kbps bit rate.
DATA
E
O
D
OPTIONAL
I
F
S
IDLE
SOF
PRIORITY
(DATA0)
MESSAGE ID
(DATA1)
DATAN
CRC
N
B
IFR
EOF
IDLE
Figure 4-7. J1850 Bus Message Format (VPW)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn