Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 72 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 72 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 68Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 69Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 70Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 71Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 72Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 73Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 74Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 75Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Data Sheet
MC68HC08AS32A — Rev. 1
72
Byte Data Link Controller-Digital (BDLC-D)
MOTOROLA
EOF — End-of-Frame Symbol
This symbol is a long 280-
µs passive period on the J1850 bus and is longer than
an end-of-data (EOD) symbol, which signifies the end of a message. Since an
EOF symbol is longer than a 200-
µs EOD symbol, if no response is transmitted
after an EOD symbol, it becomes an EOF, and the message is assumed to be
completed. The EOF flag is set upon receiving the EOF symbol.
IFS — Inter-Frame Separation Symbol
The IFS symbol is a 20-
µs passive period on the J1850 bus which allows proper
synchronization between nodes during continuous message transmission. The
IFS symbol is transmitted by a node after the completion of the end-of-frame
(EOF) period and, therefore, is seen as a 300-
µs passive period.
When the last byte of a message has been transmitted onto the J1850 bus and
the EOF symbol time has expired, all nodes then must wait for the IFS symbol
time to expire before transmitting a start-of-frame (SOF) symbol, marking the
beginning of another message.
However, if the BDLC is waiting for the IFS period to expire before beginning a
transmission and a rising edge is detected before the IFS time has expired, it
will synchronize internally to that edge. If a write to the BDR register (for
instance, to initiate transmission) occurred on or before 104 • tBDLC from the
received rising edge, then the BDLC will transmit and arbitrate for the bus. If a
CPU write to the BDR register occurred after 104 • tBDLC from the detection of
the rising edge, then the BDLC will not transmit, but will wait for the next IFS
period to expire before attempting to transmit the byte.
A rising edge may occur during the IFS period because of varying clock
tolerances and loading of the J1850 bus, causing different nodes to observe the
completion of the IFS period at different times. To allow for individual clock
tolerances, receivers must synchronize to any SOF occurring during an IFS
period.
BREAK — Break
The BDLC cannot transmit a BREAK symbol.
If the BDLC is transmitting at the time a BREAK is detected, it treats the BREAK
as if a transmission error had occurred and halts transmission.
If the BDLC detects a BREAK symbol while receiving a message, it treats the
BREAK as a reception error and sets the invalid symbol flag in the BSVR, also
ignoring the frame it was receiving. If while receiving a message in 4X mode,
the BDLC detects a BREAK symbol, it treats the BREAK as a reception error,
sets the invalid symbol flag, and exits 4X mode (for example, the RX4XE bit in
BCR2 is cleared automatically). If bus control is required after the BREAK
symbol is received and the IFS time has elapsed, the programmer must resend
the transmission byte using highest priority.
NOTE:
The J1850 protocol BREAK symbol is not related to the HC08 break module (see
17.2 Break Module (BRK))
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn