Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 73 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 73 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 69Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 70Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 71Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 72Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 73Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 74Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 75Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 76Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 77Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
BDLC MUX Interface
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Byte Data Link Controller-Digital (BDLC-D)
73
IDLE — Idle Bus
An idle condition exists on the bus during any passive period after expiration of
the IFS period (for instance,
≥ 300 µs). Any node sensing an idle bus condition
can begin transmission immediately.
4.4.3 J1850 VPW Symbols
Huntsinger’s variable pulse width modulation (VPW) is an encoding technique in
which each bit is defined by the time between successive transitions and by the
level of the bus between transitions (for instance, active or passive). Active and
passive bits are used alternately. This encoding technique is used to reduce the
number of bus transitions for a given bit rate.
Each logic 1 or logic 0 contains a single transition and can be at either the active
or passive level and one of two lengths, either 64
µs or 128 µs (t
NOM at 10.4 kbps
baud rate), depending upon the encoding of the previous bit. The start-of-frame
(SOF), end-of-data (EOD), end-of-frame (EOF), and inter-frame separation (IFS)
symbols always will be encoded at an assigned level and length. See Figure 4-8.
Each message will begin with an SOF symbol an active symbol and, therefore,
each data byte (including the CRC byte) will begin with a passive bit, regardless of
whether it is a logic 1 or a logic 0.
All VPW bit lengths stated in the following descriptions are typical values at a 10.4
kbps bit rate.
Logic 0
A logic 0 is defined as either:
An active-to-passive transition followed by a passive period 64
µs in
length, or
A passive-to-active transition followed by an active period 128
µs in
length
See Figure 4-8(a).
Logic 1
A logic 1 is defined as either:
An active-to-passive transition followed by a passive period 128
µs in
length, or
A passive-to-active transition followed by an active period 64
µs in
length
See Figure 4-8(b).
Normalization Bit (NB)
The NB symbol has the same property as a logic 1 or a logic 0. It is only used
in IFR message responses.
Break Signal (BREAK)
The BREAK signal is defined as a passive-to-active transition followed by an
active period of at least 240
µs (see Figure 4-8(c)).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn