Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 76 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo 

MC68HC08AS32A Datasheet(HTML) 76 Page - Motorola, Inc

Zoom Inzoom in Zoom Outzoom out
 76 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
Data Sheet
MC68HC08AS32A — Rev. 1
76
Byte Data Link Controller-Digital (BDLC-D)
MOTOROLA
Valid Passive Logic 0
See Figure 4-9(2). If the passive-to-active received transition beginning the
next data bit (or symbol) occurs between a and b, the current bit would be
considered a logic 0.
Valid Passive Logic 1
See Figure 4-9(3). If the passive-to-active received transition beginning the
next data bit (or symbol) occurs between b and c, the current bit would be
considered a logic 1.
Valid EOD Symbol
See Figure 4-9(4). If the passive-to-active received transition beginning the
next data bit (or symbol) occurs between c and d, the current symbol would be
considered a valid end-of-data symbol (EOD).
Figure 4-10. J1850 VPW Received Passive
EOF and IFS Symbol Times
Valid EOF and IFS Symbol
In Figure 4-10(1), if the passive-to-active received transition beginning the SOF
symbol of the next message occurs between a and b, the current symbol will be
considered a valid end-of-frame (EOF) symbol.
See Figure 4-10(2). If the passive-to-active received transition beginning the
SOF symbol of the next message occurs between c and d, the current symbol
will be considered a valid EOF symbol followed by a valid inter-frame separation
symbol (IFS). All nodes must wait until a valid IFS symbol time has expired
before beginning transmission. However, due to variations in clock frequencies
and bus loading, some nodes may recognize a valid IFS symbol before others
and immediately begin transmitting. Therefore, any time a node waiting to
transmit detects a passive-to-active transition once a valid EOF has been
detected, it should immediately begin transmission, initiating the arbitration
process.
cd
(2) VALID EOF+
280
µs
300
µs
a
b
(1) VALID EOF SYMBOL
ACTIVE
PASSIVE
ACTIVE
PASSIVE
IFS SYMBOL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn