Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC68HC08AS32A Datasheet(PDF) 77 Page - Motorola, Inc

No. de Pieza. MC68HC08AS32A
Descripción  Microcontrollers
Descarga  296 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC08AS32A Datasheet(HTML) 77 Page - Motorola, Inc

Back Button MC68HC08AS32A Hoja de datos HTML 73Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 74Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 75Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 76Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 77Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 78Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 79Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 80Page - Motorola, Inc MC68HC08AS32A Hoja de datos HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 296 page
background image
Byte Data Link Controller-Digital (BDLC-D)
BDLC MUX Interface
MC68HC08AS32A — Rev. 1
Data Sheet
MOTOROLA
Byte Data Link Controller-Digital (BDLC-D)
77
Idle Bus
In Figure 4-10(2), if the passive-to-active received transition beginning the
start-of-frame (SOF) symbol of the next message does not occur before d, the
bus is considered to be idle, and any node wishing to transmit a message may
do so immediately.
Figure 4-11. J1850 VPW Received Active Symbol Times
Invalid Active Bit
In Figure 4-11(1), if the active-to-passive received transition beginning the next
data bit (or symbol) occurs between the passive-to-active transition beginning
the current data bit (or symbol) and a, the current bit would be invalid.
Valid Active Logic 1
In Figure 4-11(2), if the active-to-passive received transition beginning the next
data bit (or symbol) occurs between a and b, the current bit would be considered
a logic 1.
Valid Active Logic 0
In Figure 4-11(3), if the active-to-passive received transition beginning the next
data bit (or symbol) occurs between b and c, the current bit would be considered
a logic 0.
a
bc
b
a
(1) INVALID ACTIVE BIT
(2) VALID ACTIVE LOGIC 1
(3) VALID ACTIVE LOGIC 0
64
µs
128
µs
cd
(4) VALID SOF
SYMBOL
200
µs
ACTIVE
PASSIVE
ACTIVE
PASSIVE
ACTIVE
PASSIVE
ACTIVE
PASSIVE
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn